Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4840-DEMO Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4840-DEMO
Description  Si4840/44 DEMO BOARD USERS GUIDE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4840-DEMO Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4840-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4840-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4840-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4840-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4840-DEMO Datasheet HTML 10Page - Silicon Laboratories SI4840-DEMO Datasheet HTML 11Page - Silicon Laboratories SI4840-DEMO Datasheet HTML 12Page - Silicon Laboratories SI4840-DEMO Datasheet HTML 13Page - Silicon Laboratories SI4840-DEMO Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Si4840/44-DEMO
10
Rev 0.1
4. Operation
The Si4840/44-Demo Board, a complete analog tune and digital display radio, provides two major modes of
operation: Time Mode and FM/AM/SW Radio Mode.
4.1. Time Mode
Put 2 AAA batteries into the battery compartment. The board will automatically enter Time Mode and display the
time. The demo board display in Time Mode is illustrated in Figure 1.
4.1.1. Time Setting
The time default value is 00:00 and can be set to the correct time manually when needed.
1. In Time Mode, press the BASS/TMR button to enter the setting menu. The default is to set the minute item first.
Press this button again to select the hour item. The selected item flashes.
2. While the selected item is flashing, press the DOWN/VOL- and UP/VOL+ button to set the desired time.
3. When you have finished setting the time, press the BASS/TMR button to quit the setting menu. The MCU
automatically quits the setting menu if there is no operation within 2 seconds.
4.1.2. Alarm Setting
1. In Time Mode, press the TREBLE/AL button to enable or disable the alarm function, and enter the setting menu
automatically when the alarm is enabled. Once you have entered the setting menu, the default is to set the
minute item first. Press this button again to select the hour item. The selected item flashes.
2. While the selected item is flashing, press the DOWN/VOL- and UP/VOL+ button to set the desired time.
3. When you have finished the alarm setting, press the TREBLE/AL button to quit the setting menu. The MCU
automatically quits the setting menu if there is no operation within 2 seconds.
4. If the alarm is enabled and the alarm setting time is matched, the radio will be automatically turned on after the
buzzer sounds for 5 seconds.
5. The radio will be turned off and the demo board will go into sleep mode automatically if there is no operation on
the buttons within 15 minutes; if there is any operation on the buttons, the auto-sleep function will be disabled.
The radio keeps working throughout this time.
4.2. FM/AM/SW Radio Mode
In Time Mode, long press (hold time >1s) the POWER/BAND button or when the alarm time is reached, the device
will enter FM/AM/SW mode. The LCD displays the following information: band indicator, band frequency indicator,
stereo indicator, and sleep indicator in case radio is automatically turned on by the alarm.
The demo board display in FM/AM/SW Mode is illustrated in Figure 3.


Similar Part No. - SI4840-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4840-A10 SILABS-SI4840-A10 Datasheet
1Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
SI4840-A10-GU SKYWORKS-SI4840-A10-GU Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
More results

Similar Description - SI4840-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com