Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4831-B30 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI4831-B30
Description  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4831-B30 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI4831-B30 Datasheet HTML 3Page - Silicon Laboratories SI4831-B30 Datasheet HTML 4Page - Silicon Laboratories SI4831-B30 Datasheet HTML 5Page - Silicon Laboratories SI4831-B30 Datasheet HTML 6Page - Silicon Laboratories SI4831-B30 Datasheet HTML 7Page - Silicon Laboratories SI4831-B30 Datasheet HTML 8Page - Silicon Laboratories SI4831-B30 Datasheet HTML 9Page - Silicon Laboratories SI4831-B30 Datasheet HTML 10Page - Silicon Laboratories SI4831-B30 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Si4831/35-B30
Rev. 1.0
7
Table 6. AM/SW Receiver Characteristics1, 2
(VDD = 2.7 to 3.6 V, TA = –15 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
Medium Wave (AM)
504
1750
kHz
Short Wave (SW)
5.60
22.0
MHz
Sensitivity3,4,5
(S+N)/N = 26 dB
30
µV EMF
Large Signal Voltage Handling5
THD < 8%
300
mVRMS
Power Supply Rejection Ratio5
∆VDD =100 mVRMS, 100 Hz
40
dB
Audio Output Voltage3,6
60
mVRMS
Audio S/N3,4,6
55
dB
Audio THD3,6
0.1
0.5
%
Antenna Inductance5,7
180
450
µH
Powerup/Band Switch Time5
From powerdown
110
ms
Notes:
1.
Additional testing information is available in “AN569: Si4831/35-DEMO Board Test Procedure.” Volume = maximum
for all tests. Tested at RF = 520 kHz.
2.
To ensure proper operation and receiver performance, follow the guidelines in “AN555: Si483x-B Antenna, Schematic,
Layout, and Design Guidelines.” Silicon Laboratories will evaluate schematics and layouts for qualified customers.
3.
FMOD = 1 kHz, 30% modulation, 2 kHz channel filter.
4.
BAF = 300 Hz to 15 kHz, A-weighted.
5.
Guaranteed by characterization.
6.
VIN =5 mVrms.
7.
Stray capacitance on antenna and board must be < 10 pF to achieve full tuning range at higher inductance levels.
Table 7. Reference Clock and Crystal Characteristics
(VDD = 2.7 to 3.6 V, TA = –15 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reference Clock
XTALI Supported Reference Clock
Frequencies
32.768
kHz
Reference Clock Frequency
Tolerance for XTALI
–100
100
ppm
Crystal Oscillator
Crystal Oscillator Frequency
32.768
kHz
Crystal Frequency Tolerance
–100
100
ppm
Board Capacitance
——
3.5
pF


Similar Part No. - SI4831-B30

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Skyworks Solutions Inc.
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4831-B30-GU SKYWORKS-SI4831-B30-GU Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results

Similar Description - SI4831-B30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com