Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4826-DEMO Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI4826-DEMO
Description  Si4822/26 DEMO BOARD USERS GUIDE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4826-DEMO Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4826-DEMO Datasheet HTML 2Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 3Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Si4822/26-DEMO
6
Rev. 0.1
Control Interface:
VR1: Frequency tuning wheel
VR2: Volume control wheel
S3~S8, S10: The keypad
S2: Band slide switch for FM, AM, and SW
Band definition:
1: FM1 (87–108 MHz), De-emphasis = 75 µs
2: FM5 (64–87 MHz), De-emphasis = 75 µs
3: AM1 (520–1710 kHz), 10 kHz spacing
4: AM2 (522–1620 kHz), 9 kHz spacing
5: SW1 (5.6–6.4 MHz)
6: SW3 (6.8–7.6 MHz)
7: SW5 (9.2–10.0 MHz)
8: SW7 (11.45–12.25 MHz)
9: SW9 (13.4–14.2 MHz)
10: SW11 (15–15.9 MHz)
11: SW13 (17.1–18 MHz)
12: SW15 (21.2– 22 MHz)
Human Interface:
There are seven keys for controlling the demo board as shown below:
Each key can have a different function under each operating condition:
Time mode: Radio function is disabled. LCD displays time. Buttons can be used to set time, alarm, etc.
FM/AM/SW Radio mode: Tuner IC works in Power Up mode. Radio function is enabled. LCD displays the
radio station parameters. Buttons are used to adjust radio settings.
The functions of the buttons are summarized in Table 1. The FM/AM/SW radio parameters that can be configured
are listed in Table 2.
3
2
1
45
6
78
9
11
10
12
TREBLE/AL
BASS/TMR
DE/SPC
SETTING
DOWN/VOL-
UP/VOL+
POWER/BAND


Similar Part No. - SI4826-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4826-A10 SILABS-SI4826-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
More results

Similar Description - SI4826-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
AN603 SILABS-AN603 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com