Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4826-A10 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI4826-A10
Description  BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4826-A10 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4826-A10 Datasheet HTML 2Page - Silicon Laboratories SI4826-A10 Datasheet HTML 3Page - Silicon Laboratories SI4826-A10 Datasheet HTML 4Page - Silicon Laboratories SI4826-A10 Datasheet HTML 5Page - Silicon Laboratories SI4826-A10 Datasheet HTML 6Page - Silicon Laboratories SI4826-A10 Datasheet HTML 7Page - Silicon Laboratories SI4826-A10 Datasheet HTML 8Page - Silicon Laboratories SI4826-A10 Datasheet HTML 9Page - Silicon Laboratories SI4826-A10 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Si4822/26-A10
6
Rev.1.0
Table 4. 2-Wire Control Interface Characteristics1,2,3
(VDD = 2.7 to 3.6 V, TA = 0 to 70 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fSCLK
0—
400
kHz
SCLK Low Time
tLOW
1.3
µs
SCLK High Time
tHIGH
0.6
µs
SCLK Input to SDIO
Setup
(START)
tSU:STA
0.6
µs
SCLK Input to SDIO
Hold
(START)
tHD:STA
0.6
µs
SDIO Input to SCLK
Setup
tSU:DAT
100
ns
SDIO Input to SCLK
Hold4,5
tHD:DAT
0—
900
ns
SCLK input to SDIO
Setup
(STOP)
tSU:STO
0.6
µs
STOP to START Time
tBUF
1.3
µs
SDIO Output Fall Time
tf:OUT
—250
ns
SDIO Input, SCLK Rise/Fall Time
tf:IN
tr:IN
—300
ns
SCLK, SDIO Capacitive Loading
Cb
——
50
pF
Input Filter Pulse Suppression
tSP
50
ns
Notes:
1.
When VD = 0 V, SCLK and SDIO are low impedance.
2.
When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
3.
When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high
until after the first start condition.
4.
The Si4822/26 delays SDIO by a minimum of 300 ns from the VIH threshold of SCLK to comply with the minimum
tHD:DAT specification.
5.
The maximum tHD:DAT has only to be met when fSCLK = 400 kHz. At frequencies below 400 kHz, tHD:DAT may be
violated as long as all other timing parameters are met.
20 0.1
Cb
1pF
-----------
+
20 0.1
Cb
1pF
-----------
+


Similar Part No. - SI4826-A10

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
More results

Similar Description - SI4826-A10

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4840-A10 SILABS-SI4840-A10 Datasheet
1Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4840 SILABS-SI4840 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com