Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE10A0503F01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # TE10A0503F01
Description  10W-12W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE10A0503F01 Datasheet(HTML) 2 Page - SL Power Electronics

  TE10A0503F01 Datasheet HTML 1Page - SL Power Electronics TE10A0503F01 Datasheet HTML 2Page - SL Power Electronics TE10A0503F01 Datasheet HTML 3Page - SL Power Electronics TE10A0503F01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TE10
10W-12W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE10 Rev 2.3 1-JAN-16
2
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
Turn On Time
Less than 700mS @115Vac, full load
Input Current
115Vac: 0.45A, 230Vac: 0.28A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 40A
Overtemperature
Protection
Will shutdown upon an overtemperature
condition, auto-recovery.
Input Fuses
F1, F2: 3.15A, 250Vac fuses (line & neutral
lines) provided on all models
Overload Protection
130 to 180% of rating, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
Meets US DoE Efficiency Level VI Average
efficiency levels
Overvoltage
Protection
130 to 150% of output voltage, hiccup mode
Output Power
10 to 12W continuous – See models chart for
specific voltage model ratings.
Isolation
Input-Output:
4000Vac
Input-Ground:
1500Vac
Output-Ground: 1500Vac
No Load Input
Power
<0.1W per DoE Efficiency Level VI
Requirements
Safety Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition, Am 2
Ripple and Noise
See models chart on pg 1.
Operating
Temperature
-20°C to +50°C
Start Up at -40°C, full load, (warmup period before
all parameters are within published specifications).
Output Voltage
See models chart on pg 1.
Temperature
Derating
Derate output power above 40°C to TBD at
50°C
Transient
Response
500
µs response time for return to within 0.5%
of final value for any 50% load step over the
range of 5% to 100% of rated load,
∆i/∆t<
0.2A/
µs. Max. voltage deviation is +/-3.5%.
Storage Temperature
-40°C to +85°C
Regulation
See models chart on pg 1.
Altitude
Operating: to 5000m.
Non-operating: -500 to 40,000 ft.
Drop Test
1.4m from table top to wooden platform, 6
faces.
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3
axes, 10 min/axis, 1-500Hz.
Non-Oper.: random waveform, 3 minutes per
axis, 3 axes and Sine waveform, Vib.
frequency/acceleration: 10-500Hz/1g, sweep
rate of 1 octave / minutes, Vibration time of 10
sweeps / axes, 3 axes
Shock
Operating: Half-sine, 20gpk, 10mS, 3 axes,
6 shocks total
Non-Operating: Half-sine waveform, impact
acceleration of 100G, Pulse duration of 6
mS, Number of shocks: 3 for each of the
three axis
Dimensions
See outline drawings
MTBF
>1,000,000 hours, full load, 110 & 220Vac
input, 25
°C amb., per Telcordia 332 Issue 6,
Stress Method.
Weight
110g
E-Cap Life
>10 year life based on calculations at
115Vac/60Hz & 230Vac/50Hz, ambient 25°C
at 24 hrs per day, 365 days/year, 6 power up
cycles per day.
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Part No. - TE10A0503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE10A0503F01 SLPOWER-TE10A0503F01 Datasheet
806Kb / 5P
   10W-12W Single Output External Power
More results

Similar Description - TE10A0503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME10 SLPOWER-ME10_16 Datasheet
599Kb / 4P
   10W-12W Single Output External Power
TE10 SLPOWER-TE10_16 Datasheet
806Kb / 5P
   10W-12W Single Output External Power
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
APC-12 MEANWELL-APC-12 Datasheet
182Kb / 2P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12_12 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APC-12E MEANWELL-APC-12E Datasheet
75Kb / 3P
   12W Single Output Switching Power Supply
APC-12 MEANWELL-APC-12_12 Datasheet
804Kb / 3P
   12W Single Output Switching Power Supply
APV-12E MEANWELL-APV-12E Datasheet
76Kb / 3P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12 Datasheet
208Kb / 2P
   12W Single Output Switching Power Supply
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com