Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB65S15K Datasheet(PDF) 1 Page - SL Power Electronics

Part # TB65S15K
Description  65W Single Output Test and Measurement/Industrial Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TB65S15K Datasheet(HTML) 1 Page - SL Power Electronics

  TB65S15K Datasheet HTML 1Page - SL Power Electronics TB65S15K Datasheet HTML 2Page - SL Power Electronics TB65S15K Datasheet HTML 3Page - SL Power Electronics TB65S15K Datasheet HTML 4Page - SL Power Electronics TB65S15K Datasheet HTML 5Page - SL Power Electronics TB65S15K Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TB65
65W Single Output
Test and Measurement/Industrial Series
www.slpower.com
TB65 REV 2.0
25-SEP-15
1
Features
2.0 x 3.5” x 1.3” Package
Up to 65W Convection Cooled Output Power
Compliant to high levels of EMC per EN61000-4
15kV ESD (Air), 8kV (Contact)
4kV Surge
Meets Class B Conducted EMI with 6db margin,
Class B Radiated EMI with 3db margin
Up to 90% Efficiency
>10 year e-cap life
Universal Input 90-264Vac Input Range
DC OK Signal, PSU Temperature Signal
Class I and II Input Models
3 Year Warranty
Description
A Superior performance 65 Watts AC to DC power supply designed for Test and Measurement and Industrial applications. Feature
rich and highly efficient TB65 product family can easily fit in 1U chassis and provides 65 Watts, convection cooled. Input, output and
internal temperature monitoring/alarms are additional features of the TB65 family. All models are CE marked to low voltage
directive and approved to ITE standards of IEC/UL/EN60950 and CSA C22.2, 2nd edition.
Model Selection
Model
Output
Output
Efficiency1
Ripple & Noise2
Total
OVP
Number4
Voltage (Nom)
Current
(pk-pk)
Regulation
Threshold
MTBF3
TB65S12K
12V
5.4A
88%
120mV
±3%
14.0 ± 1.1V
500,000
TB65S15K
15V
4.3A
88%
180mV
±3%
21.0 ± 2.0V
500,000
TB65S24K
24V
2.7A
90%
240mV
±3%
28.0 ± 2.5V
500,000
TB65S48K
48V
1.35A
90%
480mV
±3%
55.0 ± 4.0V
500,000
Notes:
1.
Efficiency values listed are typical and are measured at 115Vac input, full load output current, at an ambient temperature of 25°C.
2.
Measured at 25°C ambient with noise probe directly at end of 6” twisted pair terminated with 0.1μF ceramic and 10μF low ESR capacitors. Values will be higher at ambient
temperatures below 0°C.
3.
MTBF values are in hours, per Telcordia 332, Issue 6, 25°C, full rated load (w/airflow) at 110Vac input.
4.
Change the “K” suffix to “C” for Input Class II (ungrounded) models.
General Specifications
AC Input
85-264Vac, single phase.
(Safety Approved to 90-264Vac).
Turn On Time
<2 Seconds at 110Vac.
Input Current
1.5A at 110Vac, 1A at 240Vac
Rise Time
<30mS, 56V model: <35mS
Inrush Current
40Arms Maximum within a half line cycle, cold
start at 25C. See application note.
Hold-up Time
20mS min. from loss of AC input at 110 Vac, full load,
25°C.
I²T Characteristic
See Table below.
Over Load
Protection (OCP)
115% - 200% of rated output current value. Hiccup
Mode, Auto-recovery


Similar Part No. - TB65S15K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TB65S15K SLPOWER-TB65S15K Datasheet
641Kb / 6P
   65W Single Output
More results

Similar Description - TB65S15K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TB110S SLPOWER-TB110S Datasheet
632Kb / 4P
   110W Single Output Test and Measurement/Industrial Series
MINT1065 SLPOWER-MINT1065 Datasheet
353Kb / 3P
   65W Single Output Series
MINT1065D SLPOWER-MINT1065D Datasheet
409Kb / 3P
   65W Single Output Series
TB65 SLPOWER-TB65_16 Datasheet
641Kb / 6P
   65W Single Output
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
   65W Single Output Medical Series
logo
Analog Devices
HMC1099 AD-HMC1099 Datasheet
486Kb / 17P
   Test and measurement equipment
logo
Bourns Electronic Solut...
PWR163S-25-10R0JE BOURNS-PWR163S-25-10R0JE Datasheet
362Kb / 3P
   PWR163 Series Power Resistor Test and measurement
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com