Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WTB9M4-3P3411S14 Datasheet(PDF) 2 Page - SICK AG

Part # WTB9M4-3P3411S14
Description  Photoelectric proximity sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WTB9M4-3P3411S14 Datasheet(HTML) 2 Page - SICK AG

  WTB9M4-3P3411S14 Datasheet HTML 1Page - SICK AG WTB9M4-3P3411S14 Datasheet HTML 2Page - SICK AG WTB9M4-3P3411S14 Datasheet HTML 3Page - SICK AG WTB9M4-3P3411S14 Datasheet HTML 4Page - SICK AG WTB9M4-3P3411S14 Datasheet HTML 5Page - SICK AG WTB9M4-3P3411S14 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/22/2016 3:35:33 AM
Photoelectric sensors
W9-3, Photoelectric proximity sensor, Background suppression
1) Object with 90 % reflectance (referred to standard white, DIN 5033) 2) Object with 6 % reflectance (referred to standard white, DIN 5033) 3) Average service life of
100,000 h at TA = +25 °C
Type
> WTB9M4-3P3411S14
Part No.
> 1054431
At a glance
High-performance proximity sensor in ultra-rugged VISTAL™ housing
PinPoint LED for highly visible and precise light spot
Two emitter LEDs for best-in-class background suppression
Variable mounting with M4 hole pattern
Wide range of connection options
Your benefits
Rugged VISTAL™ housing provides reliable installation and operation
Reliable object detection in all situations using best-in-class technology
Quick and easy alignment with reliable object detection due to the highly visible
PinPoint light spot
M4 slotted hole mounting for multiple mounting possibilities
One housing with a wide range of options makes machine integration easy
Variety of accessories for simple mounting
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D):
12.2 mm x 52.2 mm x 23.6 mm
Housing design (light emission):
Rectangular
Mounting hole:
M4
Sensing range max.:
20 mm ... 800 mm 1)
Sensing range:
20 mm ... 400 mm 2)
Type of light:
Infrared light
Light source:
LED 3)
Adjustment:
Potentiometer, 5 turns
Light spot size (distance):
Ø 40 mm (400 mm)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
< 5 Vpp 2)
Power consumption:
≤ 30 mA 3)
Output type:
PNP 4)
Output function:
Complementary


Similar Part No. - WTB9M4-3P3411S14

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB9M4-3P3411 SICK-WTB9M4-3P3411 Datasheet
858Kb / 6P
   Photoelectric proximity sensor
More results

Similar Description - WTB9M4-3P3411S14

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WT2F-P280 SICK-WT2F-P280 Datasheet
672Kb / 6P
   Photoelectric proximity sensor
WT100-2N3439 SICK-WT100-2N3439 Datasheet
831Kb / 7P
   Photoelectric proximity sensor
WT100-2P0409S45 SICK-WT100-2P0409S45 Datasheet
837Kb / 7P
   Photoelectric proximity sensor
WT100-2P4419 SICK-WT100-2P4419 Datasheet
825Kb / 7P
   Photoelectric proximity sensor
WTB4S-3N1132H SICK-WTB4S-3N1132H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3N1135H SICK-WTB4S-3N1135H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3204HS01 SICK-WTB4S-3P3204HS01 Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3235H SICK-WTB4S-3P3235H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com