Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB115S Datasheet(PDF) 2 Page - SL Power Electronics

Part # LB115S
Description  Meets IEC61000-3-2 Class C for less than 1 Watt to full power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB115S Datasheet(HTML) 2 Page - SL Power Electronics

  LB115S Datasheet HTML 1Page - SL Power Electronics LB115S Datasheet HTML 2Page - SL Power Electronics LB115S Datasheet HTML 3Page - SL Power Electronics LB115S Datasheet HTML 4Page - SL Power Electronics LB115S Datasheet HTML 5Page - SL Power Electronics LB115S Datasheet HTML 6Page - SL Power Electronics LB115S Datasheet HTML 7Page - SL Power Electronics LB115S Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LB115S
115W Single Output
LED Series
www.slpower.com
LB115S 2-OCT-14
2
Efficiency
Typical
Measured @ 25˚C
LB115S12K
89% @230V ac, full load
86.5%@115V ac, full load
LB115S24K
89% @230V ac, full load
87%@115V ac, full load
LB115S48K
90% @230V ac, full load
88%@115V ac, full load
LB115S56K
90% @230V ac, full load
88%@115V ac, full load
Operating Temperature
-20˚C to 70˚C
-40˚C start up (full load)
For 12V output, the maximum load is 75%
Storage Temperature
-40˚C to 85˚C
Turn-on Time:
<2 Seconds @115Vac(<3S for 12V
output)
<5 Seconds @115Vac for -20˚C ambient
Hold-up Time:
12mS minimum from loss of ac input at
115 Vac
DC Output Specifications
PARAMETER
SPECIFICATION
NOTES
Output Power:
Max of 75 Watts for Convection cooled
Maximum 108 Watts for 12V output
-20 to 50˚C ambient
Max of 115 Watts for fan cooled
(48 & 56V Models)
Cooling:
Convection
Forced Air of 200 LFM
Total Regulation:
±2% for all models
Total regulation is the maximum deviation from
nominal voltage for all loading conditions
Overload Protection:
120% - 180% of rated output current
value, Hiccup Mode
For 12V output, it is 110 to 180%
Short Circuit
Protection:
Short across the output terminals will not
cause damage to the unit. Hiccup Mode
Overvoltage
Protection:
OVP firing reduces output voltage to
<50% of nominal in <50mS. See chart for
trip range
Overtemperature
Protection:
Automatic Power Shutdown
Thermistor temperature is 130˚C
Minimum Load:
No minimum load is required
Ripple and Noise:
0.5% RMS, 1% pk-pk for all models.
20 MHz Bandwidth, differential mode.
Measured with noise probe directly across
output terminals, and load terminated with
0.1µF ceramic and 10µF low ESR capacitors
Transient Response:
500µs typ. response time for return to
within 0.5% of final value for a 50% load
change, ∆i/∆t< 0.2A/µs. Max. voltage
deviation is 3.5%.
Measured @ 25˚C
Overshoot:
5% overshoot at turn-on, 5% overshoot at
turn-off, under all conditions.
6% for 12V output


Similar Part No. - LB115S

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LB115S12K SLPOWER-LB115S12K Datasheet
1Mb / 8P
   115W Single Output
LB115S24K SLPOWER-LB115S24K Datasheet
1Mb / 8P
   115W Single Output
LB115S48K SLPOWER-LB115S48K Datasheet
1Mb / 8P
   115W Single Output
LB115S56K SLPOWER-LB115S56K Datasheet
1Mb / 8P
   115W Single Output
More results

Similar Description - LB115S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAC1155-300W IRF-IRAC1155-300W Datasheet
454Kb / 16P
   IEC61000-3-2 Class D Standards Compliant
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
   Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
   Less than 75mW Standby Power
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
   Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
   Less than 75mW Standby Power
logo
Murata Manufacturing Co...
NTPA78R0LB1A0 MURATA-NTPA78R0LB1A0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA68R0LBMB0 MURATA-NTPA68R0LBMB0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100w
NTPA94R0LBMB0 MURATA-NTPA94R0LBMB0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA98R0LB1A0 MURATA-NTPA98R0LB1A0 Datasheet
198Kb / 3P
   most suitable for power supplies of less than 100W
NTPAA2R2LD6A0 MURATA-NTPAA2R2LD6A0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com