Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLC65E Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLC65E
Description  65 Watt Multiple Output Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC65E Datasheet(HTML) 2 Page - SL Power Electronics

  GLC65E Datasheet HTML 1Page - SL Power Electronics GLC65E Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
A. Continuous individual output ratings for unrestricted convection cooling. Combination of individual output loads must not exceed total power rating.
B. Peak rating for 60 s 10% duty cycle or continuous rating 150 LFM forced air cooling.
C. Adjustment on V1 varies all outputs simultaneously (1% on V1 @ 1% on V2 & V3).
D. Total combined current of V1 & V2 not to exceed 12 A. Combination of individual output loads must not exceed total power rating.
E. Total regulation is defined as maximum deviation from the initial set point. With all other outputs at 50% load, output under test can be varied from 0 to 100% load
and varied to any ac line voltage. Initial set point is 1% on V1, 2% on V2 and 3% on V3
F. Add “G” suffix to model number for RoHS compliant model.
Commercial
Model
Medical
Model
Output No.
Output
Output
Maximum (A)
Output
Maximum (B)
Total
Regulation (E)
V1 Adjustment
Note (C)
OVP Set-
point
Ripple/
Noise
GLC65A
GLM65A
1
2
3
+5.0 V
+12 V
-12 V
7 A
3 A
2.5 A
9A
5 A
4 A
2%
5%
6%
± 5%
6.2 ± 0.6 V
1%
1%
1%
GLC65B
GLM65B
1
2
3
+5.1 V
+15 V
-15 V
7 A
2.5 A
2 A
9 A
4 A
3 A
2%
4%
5%
± 5%
6.2 ± 0.6 V
1%
1%
1%
GLC65D
GLM65D
1
2
3
+5.0 V
+24 V
-12 V
7 A
1.5 A
2.5 A
9 A
2.5 A
4 A
2%
3%
6%
± 5%
6.2 ± 0.6 V
1%
1%
1%
GLC65E
GLM65E
1
2
3
+5.0 V
+24 V
+12 V
7 A
1.5 A
2.5 A
9 A
2.5 A
4 A
2%
3%
6%
± 5%
6.2 ± 0.6 V
1%
1%
1%
GLC65G
GLM65G
1
2
3
+5.0 V
+3.3 V
+12 V
5 A
4 A
2.5 A
8 A
5 A
4 A
3%
3%
6%
± 5%
6.2 ± 0.6 V
1%
1%
1%
GLC65H
GLM65H
1
2
3
+3.3 V
+5.0 V
+12 V
5 A
4 A
2.5 A
8 A
6 A
3 A
3.5%
4.5%
6%
± 5%
4.3 ± 0.8 V
1%
1%
1%
SL Power Electronics Corp., 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 www.slpower.com Rev. 09/10/08. Data Sheet ©
2008 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
1.20 30.28
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 TO 50°C
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GLC65 MECHANICAL SPECIFICATIONS
A. Units should be allowed to warm up/operate under non-condensing con-
ditions before application of power. Derate output current and total output
power by 2.5% per °C above 50°C. For operation in a confined space, moving
air may be required. Under all conditions, the cooling vs. load profile should
be such that heat sinks and/or heatsink temperatures do not exceed 90 °C
for extended periods.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogo-
nal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz,
3 orthogonal axes. Tested for 10 min./axis operating and 1 hr./axis non-op-
erating.


Similar Part No. - GLC65E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GLC65-12 SLPOWER-GLC65-12 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GLC65-12 SLPOWER-GLC65-12 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GLC65-15 SLPOWER-GLC65-15 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GLC65-15 SLPOWER-GLC65-15 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
More results

Similar Description - GLC65E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
   65 Watt Multiple Output Global Performance Switchers
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
   75 Watt Multiple Output Global Performance Switchers
GLC75 SLPOWER-GLC75 Datasheet
321Kb / 2P
   75 Watt Multiple Output Global Performance Switchers
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
   80 Watt Global Single and Multiple Output Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
   7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com