Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR360 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFR360
Description  NPN Silicon RF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR360 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFR360 Datasheet HTML 1Page - Infineon Technologies AG BFR360 Datasheet HTML 2Page - Infineon Technologies AG BFR360 Datasheet HTML 3Page - Infineon Technologies AG BFR360 Datasheet HTML 4Page - Infineon Technologies AG BFR360 Datasheet HTML 5Page - Infineon Technologies AG BFR360 Datasheet HTML 6Page - Infineon Technologies AG BFR360 Datasheet HTML 7Page - Infineon Technologies AG BFR360 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Jun-16-2003
4
BFR360F
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax):
Transitor Chip Data:
NF =
1-
ISE =
150
fA
NR =
1-
ISC =
20
fA
IRB =
75
µA
RC =
0.35

MJE =
0.5
-
VTF =
0.198
V
CJC =
473
fF
XCJC =
0.129
-
VJS =
0.75
V
EG =
1.11
eV
NK =
0.5
K
IS =
0.0689
fA
VAF =
20
V
NE =
2.4
-
VAR =
60
V
NC =
1.4
-
RBM =
7.31

CJE =
400
fF
TF =
9.219
ps
ITF =
1.336
mA
VJC =
0.864
V
TR =
1.92
ns
MJS =
0-
XTI =
0
-
AF =
1
-
BF =
147
-
IKF =
77.28
mA
BR =
6
-
IKR =
0.3
A
RB =
0.1

RE =
78.2
m

VJE =
1.3
V
XTF =
0.115
-
PTF =
0
deg
MJC =
0.486
-
CJS =
0
fF
XTB =
0.5
K
FC =
0.954
KF =
1E-14
-
All parameters are ready to use, no scalling is necessary.
Package Equivalent Circuit:
L1 =
0.556
nH
L2 =
0.657
nH
L3 =
0.381
nH
C1 =
43
fF
C2 =
123
fF
C3 =
66
fF
C4 =
10
fF
C5 =
36
fF
C6 =
47
fF
EHA07524
Transistor
C’
L
E’
B’
3
4
C
C
Chip
E
L 1
5
C
B
2
L
C6
C1
C2
C3
For examples and ready to use parameters
please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon
Technologies CD-ROM or see Internet:
http//www.infineon.com/silicondiscretes
Valid up to 6GHz


Similar Part No. - BFR360

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR360 INFINEON-BFR360 Datasheet
101Kb / 4P
   NPN Silicon RF Transistor
Jul-01-2003
BFR360 INFINEON-BFR360 Datasheet
100Kb / 4P
   NPN Silicon RF Transistor
Jun-16-2003
BFR360F INFINEON-BFR360F Datasheet
553Kb / 11P
   NPN Silicon RF Transistor
2010-05-20
BFR360F INFINEON-BFR360F Datasheet
583Kb / 9P
   Low noise amplifier for low current applications
2013-11-06
BFR360F INFINEON-BFR360F_10 Datasheet
553Kb / 11P
   NPN Silicon RF Transistor
2010-05-20
More results

Similar Description - BFR360

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com