Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB7524S05 Datasheet(PDF) 2 Page - XP Power Limited

Part # QSB7524S05
Description  Industry Standard Packages
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB7524S05 Datasheet(HTML) 2 Page - XP Power Limited

  QSB7524S05 Datasheet HTML 1Page - XP Power Limited QSB7524S05 Datasheet HTML 2Page - XP Power Limited QSB7524S05 Datasheet HTML 3Page - XP Power Limited QSB7524S05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QSB75/100
Models and Ratings
Notes
Notes
1. Ripple & noise is measured with a 10 µF tantalum capacitor and 1.0 µF
ceramic capacitor across output.
2. Logic compatibility: Ref to -ve input. Module On = open circuit.
Module Off = <0.8 VDC.
3. Add suffix ‘N’ to the model number to receive the unit with negative logic
Remote On/Off.
4. Input current specified at 24 V for 9-36 VDC and 48 V for 18-75 VDC models.
Mechanical Details
Input Voltage
Output Voltage
Output Current
Input Current(4)
Efficiency
Model Number(3)
No Load
Full Load
9-36 VDC
(24 V nominal)
3.3 V
12.00 A
50 mA
2.04 A
81.0%
QSB7524S3V3
5.0 V
12.00 A
50 mA
2.98 A
84.0%
QSB7524S05
12.0 V
6.25 A
50 mA
3.64 A
86.0%
QSB7524S12
15.0 V
5.00 A
50 mA
3.64 A
86.0%
QSB7524S15
24.0 V
3.12 A
50 mA
3.63 A
86.0%
QSB7524S24
18-75 VDC
(48 V nominal)
3.3 V
12.00 A
30 mA
1.10 A
82.0%
QSB7548S3V3
5.0 V
12.00 A
30 mA
1.47 A
85.0%
QSB7548S05
12.0 V
6.25 A
30 mA
1.82 A
86.0%
QSB7548S12
15.0 V
5.00 A
30 mA
1.80 A
87.0%
QSB7548S15
24.0 V
3.12 A
30 mA
1.80 A
87.0%
QSB7548S24
9-36 VDC
(24 V nominal)
3.3 V
30.00 A
120 mA
4.80 A
86.0%
QSB10024S3V3
5.0 V
20.00 A
120 mA
4.82 A
86.5%
QSB10024S05
12.0 V
8.30 A
80 mA
4.80 A
86.5%
QSB10024S12
15.0 V
6.70 A
80 mA
4.84 A
86.5%
QSB10024S15
24.0 V
4.17 A
80 mA
4.79 A
87.0%
QSB10024S24
18-75 VDC
(48 V nominal)
3.3 V
30.00 A
60 mA
2.37 A
88.0%
QSB10048S3V3
5.0 V
20.00 A
60 mA
2.37 A
88.0%
QSB10048S05
12.0 V
8.30 A
30 mA
2.36 A
88.0%
QSB10048S12
15.0 V
6.70 A
30 mA
2.38 A
88.0%
QSB10048S15
24.0 V
4.17 A
30 mA
2.37 A
88.0%
QSB10048S24
1.03
(26.2)
1.45
(36.8)
2.00 (50.80)
1
0.60
(15.24)
0.50
(12.70)
0.16
(4.1) min.
ø 0.040
(1.02)
Pins 1,2,3,5,6,7
ø 0.059
(1.50)
Pins 4,8
3
2
4
6
7
8
5
2.28 (57.90)
1.14 (28.96)
0.73
(18.42)
0.60
(15.24)
Mounting hole diameter:
0.126 (3.2) clearance hole
0.30
(7.62)
1.86 (47.20)
BOTTOM VIEW
PIN CONNECTIONS
Pin
Function
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
-Sense
6
Trim
7
+Sense
8
+Vout
1. Dimensions are in inches (mm)
2. Tolerances: X.XX = ±0.02 (X.X = ±0.5)
X.XXX = ±0.01 (X.XX = ±0.25)
3. Weight: 0.15 lbs (66 g) approx
Air Flow Rate
Typical Rca
Natural Convection
20 ft. / min (0.1 ms)
10.1 °C/W
100 ft./min (0.5 ms)
8.0 °C/W
200 ft./min (1.0 ms)
5.4 °C/W
300 ft./min (1.5 ms)
4.4 °C/W
400 ft./min (2.0 ms)
3.4 °C/W
Rca = Thermal resistance case to ambient
Thermal Resistance Information
Maximum Power Dissipation vs Ambient Temperature and Air Flow without heatsink
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature ,Ta (ºC)
Natural Convection
20 ft./min. (0.1 m/s)
100 ft./min. (0.5 m/s)
200 ft./min. (1.0 m/s)
300 ft./min. (1.5 m/s)
400 ft./min. (2.0 m/s)
Derating Curve


Similar Part No. - QSB7524S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB7524S05 XPPOWER-QSB7524S05 Datasheet
368Kb / 4P
   75350 Watts QSB Series
More results

Similar Description - QSB7524S05

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM841 ILSI-IM841 Datasheet
417Kb / 7P
   Direct pin to pin drop-in replacement for industry-standard packages
IM811 ILSI-IM811 Datasheet
540Kb / 7P
   Direct pin to pin drop-in replacement for industry-standard packages
IM840 ILSI-IM840 Datasheet
414Kb / 7P
   Direct pin to pin drop-in replacement for industry-standard packages
IM802 ILSI-IM802 Datasheet
781Kb / 9P
   Direct pin to pin drop-in replacement for industry-standard packages
IM801 ILSI-IM801 Datasheet
623Kb / 9P
   Direct pin to pin drop-in replacement for industry-standard packages
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com