Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHM85PS15 Datasheet(PDF) 9 Page - XP Power Limited

Part # AHM85PS15
Description  IP22 Environmental Rating
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AHM85PS15 Datasheet(HTML) 9 Page - XP Power Limited

Back Button AHM85PS15 Datasheet HTML 5Page - XP Power Limited AHM85PS15 Datasheet HTML 6Page - XP Power Limited AHM85PS15 Datasheet HTML 7Page - XP Power Limited AHM85PS15 Datasheet HTML 8Page - XP Power Limited AHM85PS15 Datasheet HTML 9Page - XP Power Limited AHM85PS15 Datasheet HTML 10Page - XP Power Limited AHM85PS15 Datasheet HTML 11Page - XP Power Limited AHM85PS15 Datasheet HTML 12Page - XP Power Limited AHM85PS15 Datasheet HTML 13Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AHM100 Series
Medical & IT Safety Approvals
Energy Star Level V
CEC 2008 & EISA 2007 Compliant
IP22 Environmental Rating
Compact Format 6.50” x 2.52” x 1.46”
<0.5 W Standby Power
100 W - Convection Cooled Ratings
Class I & Class II Models
0 ºC to +60 ºC Operation
Very Low Earth Leakage Current
3 Year Warranty
The AHM100 series of medical external power supplies is fully approved to international medical safety standards. It has been
designed with very high efficiency and low standby power, enabling it to meet the latest envirnomental legislation. The unit has a fully
sealed enclosure complying with IP22 and a smooth surface finish making it easier to wipe down in a clinical setting. With approvals
for class I and II the product is suitable for hospital, home healthcare and portable medial device applications.
POWER
GREEN


Similar Part No. - AHM85PS15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AHM85PS15 XPPOWER-AHM85PS15 Datasheet
721Kb / 6P
   Energy Efficiency Level V, CEC2008 AND EISA 2007
AHM85PS15C2 XPPOWER-AHM85PS15C2 Datasheet
721Kb / 6P
   Energy Efficiency Level V, CEC2008 AND EISA 2007
More results

Similar Description - AHM85PS15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
   Environmental Meter
logo
Glenair, Inc.
M28840-816WB GLENAIR-M28840-816WB Datasheet
78Kb / 1P
   Environmental Backshells
M28840-916WB GLENAIR-M28840-916WB Datasheet
80Kb / 1P
   Environmental Backshells
M85049-3A1A GLENAIR-M85049-3A1A Datasheet
78Kb / 1P
   Environmental Backshells
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
   Environmental Backshell
logo
List of Unclassifed Man...
HM11-12005LF ETC2-HM11-12005LF Datasheet
383Kb / 1P
   Electrical / Environmental
logo
Glenair, Inc.
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-9-1 GLENAIR-M85049-9-1 Datasheet
85Kb / 2P
   Environmental Backshells
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com