Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEM60US48 Datasheet(PDF) 1 Page - XP Power Limited

Part # AEM60US48
Description  Worldwide Medical Approvals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEM60US48 Datasheet(HTML) 1 Page - XP Power Limited

  AEM60US48 Datasheet HTML 1Page - XP Power Limited AEM60US48 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
60 Watts
CEC 2008 & EISA 2007 Compliant 12 V
Worldwide Medical Approvals
4000 VAC Isolation
Class II Construction
Single Outputs from 5 V to 48 V
High Efficiency
3 Year Warranty
AEM60 Series
Input
Input Voltage
• 80-264 VAC, derate output power 5%
<90 VAC and 10% <85 VAC
Input Frequency
• 47-63 Hz
Input Current
• 1.5 A rms max
Inrush Current
• 80 A max at 240 VAC
Input Protection
• Fitted with a T2 A/250 VAC fuse in live line
No Load Input Power
• <0.5 W for ≥12 V output
Output
Output Voltage
• See table
Initial Set Accuracy
• See table
Minimum Load
• No mimimum load required
Start Up Delay
• 3 s max
Start Up Rise Time
• 3 ms
Hold Up Time
• 8 ms minimum at 115 VAC
Line Regulation
• ±1%
Load Regulation
• See table
Transient Response
• 5% max deviation recovering to within 1%
within 500 µs for 50% load change
Ripple & Noise
• 1% max, 20 MHz bandwidth (see note 2)
Overvoltage Protection
• See table
Overload Protection
• 120-150%, trip & restart (hiccup mode),
auto-recovery
Short Circuit Protection
• Continuous
Temperature
• ±0.05%/°C
Coefficient
xppower.com
General
Efficiency
• 85%, see note 5
Isolation
• 4000 VAC Input to Output
Switching Frequency
• 100 kHz typical
Power Density
• 4.2 W/Inch3
MTBF
• 300 kHrs to MIL-HDBK-217F
at 25 ˚C, GB
Environmental
Operating Temperature
• 0 °C to +60 °C, derate linearly from 100%
load at +40 °C to 50% load at +60 °C
Cooling
• Convection-cooled
Operating Humidity
• 15-95% non-condensing
Storage Temperature
• -20 °C to +85 °C
Operating Altitude
• 3000 m
Vibration
• 5-500 Hz at 3 g for 10 mins on each axis
Shock
• 30 g with 18 ms half sine wave,
3 times on each axis
EMC & Safety
Emissions
• EN55011 Level B conducted & radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2 Level 3, Perf Criteria A
Radiated Immunity
• EN61000-4-3 Level 2, Perf Criteria A
EFT/Burst
• EN61000-4-4, Level 3, Perf Criteria A
Surge
• EN61000-4-5 Level 3, Perf Criteria A
Conducted Immunity
• EN61000-4-6 Level 3, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms Perf Criteria A, B, B
Safety Approvals
• UL60601-1, EN60601-1, IEC60601-1,
CE Mark


Similar Part No. - AEM60US48

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AEM MSYSTEM-AEM Datasheet
147Kb / 4P
   Limit Alarms (with DC output) AE-UNIT
logo
Broadcom Corporation.
AEMD-CB3L BOARDCOM-AEMD-CB3L Datasheet
1Mb / 14P
   High Brightness Green and Blue SMT Round Lamps
AEMD-CB3L-ST002 BOARDCOM-AEMD-CB3L-ST002 Datasheet
1Mb / 14P
   High Brightness Green and Blue SMT Round Lamps
AEMD-CB3L-STB02 BOARDCOM-AEMD-CB3L-STB02 Datasheet
1Mb / 14P
   High Brightness Green and Blue SMT Round Lamps
AEMD-CB3L-STC02 BOARDCOM-AEMD-CB3L-STC02 Datasheet
1Mb / 14P
   High Brightness Green and Blue SMT Round Lamps
More results

Similar Description - AEM60US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
SDM XPPOWER-SDM Datasheet
516Kb / 4P
   Medical Approvals
SDU XPPOWER-SDU Datasheet
201Kb / 2P
   Medical Approvals
logo
Laird Tech Smart Techno...
MMCU4 LSTD-MMCU4 Datasheet
282Kb / 2P
   Approvals and frequencies for worldwide deployment
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
   140W Medical Approvals
logo
Emerson Network Power
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com