Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR193W Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFR193W
Description  NPN Silicon RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR193W Datasheet(HTML) 7 Page - Infineon Technologies AG

  BFR193W Datasheet HTML 1Page - Infineon Technologies AG BFR193W Datasheet HTML 2Page - Infineon Technologies AG BFR193W Datasheet HTML 3Page - Infineon Technologies AG BFR193W Datasheet HTML 4Page - Infineon Technologies AG BFR193W Datasheet HTML 5Page - Infineon Technologies AG BFR193W Datasheet HTML 6Page - Infineon Technologies AG BFR193W Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BFR193W
Aug-09-2001
7
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50)
VCE = Parameter, f = 900MHz
0
10
20
30
40
50
60
mA
80
IC
12
14
16
18
20
22
24
26
28
30
dBm
34
8V
5V
3V
2V
1V
Power Gain Gma, Gms = f(VCE):_____
|S21|2 = f(VCE):---------
f = Parameter
0
2
4
6
8
10
V
13
VCE
0
2
4
6
8
10
12
dB
16
0.9GHz
1.8GHz
0.9GHz
1.8GHz
IC=30mA
Power Gain |S21|2= f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
-5
0
5
10
15
20
dB
30
10V
1V
0.7V
IC=30mA
Power Gain Gma, Gms = f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
0
5
10
15
20
25
dB
35
10V
1V
0.7V
IC=30mA


Similar Part No. - BFR193W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR193W INFINEON-BFR193W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
BFR193W INFINEON-BFR193W Datasheet
660Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2014-04-07
logo
Inchange Semiconductor ...
BFR193W ISC-BFR193W Datasheet
268Kb / 2P
   isc Silicon NPN RF Transistor
logo
Infineon Technologies A...
BFR193W INFINEON-BFR193W_07 Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
More results

Similar Description - BFR193W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com