Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ30602 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ30602
Description  LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ30602 Datasheet(HTML) 3 Page - Texas Instruments

  LMZ30602 Datasheet HTML 1Page - Texas Instruments LMZ30602 Datasheet HTML 2Page - Texas Instruments LMZ30602 Datasheet HTML 3Page - Texas Instruments LMZ30602 Datasheet HTML 4Page - Texas Instruments LMZ30602 Datasheet HTML 5Page - Texas Instruments LMZ30602 Datasheet HTML 6Page - Texas Instruments LMZ30602 Datasheet HTML 7Page - Texas Instruments LMZ30602 Datasheet HTML 8Page - Texas Instruments LMZ30602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
Getting Started
3
Getting Started
Figure 1 highlights the user interface items associated with the EVM. The polarized V
IN Power terminal
block is used for connection to the host input supply and the polarized V
OUT Power terminal block is used
for connection to the load. The terminal blocks can except up to 16 AWG wire.
The V
IN monitor and VOUT monitor test points located near the power terminal blocks are intended to be
used as voltage monitoring points where voltmeters can be connected to measure V
IN and VOUT. The
voltmeter references should be connected to any of the four V
IN/VOUT monitor grounds test points located
between the power terminal blocks. Do not use these V
IN and VOUT monitoring test points as the input
supply or output load connection points. The PCB traces connecting to these test points are not designed
to support high currents.
Figure 1. LMZ3060xEVM-00x User Interface
3
SNVU296 – JULY 2013
LMZ30604EVM-001/LMZ30602EVM-002/LMZ30606EVM-003, 2-A to 6-A
Simple Switcher Power Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - LMZ30602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGR TI-LMZ30602RKGR Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGR TI1-LMZ30602RKGR Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGT TI-LMZ30602RKGT Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Similar Description - LMZ30602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com