Electronic Components Datasheet Search |
|
D58V0L6U5LP7B Datasheet(PDF) 1 Page - Diodes Incorporated |
|
D58V0L6U5LP7B Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 5 page D58V0M4U8MR Document number: DS36183 Rev. 2 - 2 1 of 5 www.diodes.com April 2014 © Diodes Incorporated D58V0M4U8MR 58V UNIDIRECTIONAL TVS DIODE ARRAY Features 2.7kW Peak Pulse Power (tp = 8x20µs) Provides ESD Protection per IEC 61000-4-2 Standard: Air ±30kV, Contact ±30kV 4 Channels of ESD Protection and 4 Decoupling Capacitances Typically Used in Power Over Ethernet PSE Equipment against Line Overvoltages Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Mechanical Data Case: SO-8 Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Matte Tin Finish annealed over Copper leadframe (Lead Free Plating). Solderable per MIL-STD-202, Method 208 Weight: 0.08 grams (approximate) Ordering Information (Note 4) Product Compliance Marking Reel size(inches) Tape width(mm) Quantity per reel D58V0M4U8MR-13 Standard TV58 13 12 2500/Tape & Reel Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at http://www.diodes.com/products/packages.html. Marking Information D58V0 M X B X XXX- XX 5V0: 5.0 Volts 58V0: 58.0 Volts Voltage Capacitance # of Channels Polarity # of Pins Package Packing X: Extremely Low (<0.5pF) F: Ultra Low (0.5 ~ 1.0pF) P: Very Low (1.1 ~ 10pF) L: Low (10.1 ~ 20pF) M: Medium (>20pF) 1: 1 Channel 2: 2 Channels 4: 4 Channels 6: 6 Channels B: Bidirectional (Symmetrical) U: Unidirectional A: Bidirectional (Asymmetrical) 2: 2 Pins 3: 3 Pins 5: 5 Pins 6: 6 Pins 8: 8 Pins 10: 10 Pins LP3: X3-DFN0603-2 LP: X1-DFN1006-2 LP4: X2-DFN1006-2 WS: SOD323 T: SOD523/SOT523 SO: SOT23/SOT25 W: SOD123/SOT323 TS: TSOT25/TSOT26 S: SOT353/SOT363 V:SOT553/SOT563 7: 7” reel 7B: 7” reel 13: 13” reel (DFN1006 Package Only) Device Schematic Top View SO-8 Top View Pin Configuration GND PS4 GND PS3 GND GND PS1 PS2 Top View Logo Part Marking Year: “13” = 2013 1 4 8 5 TV58 YY WW Xth week: 01 ~ 53 |
Similar Part No. - D58V0L6U5LP7B |
|
Similar Description - D58V0L6U5LP7B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |