Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSA240 Datasheet(PDF) 2 Page - XP Power Limited

Part # DSA240
Description  Selectable Overload Characteristic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DSA240 Datasheet(HTML) 2 Page - XP Power Limited

  DSA240 Datasheet HTML 1Page - XP Power Limited DSA240 Datasheet HTML 2Page - XP Power Limited DSA240 Datasheet HTML 3Page - XP Power Limited DSA240 Datasheet HTML 4Page - XP Power Limited DSA240 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSA240 Series
www.xppower.com
2
AC-DC Power Supplies
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
24
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
At 100% load
Output Voltage Adjustment
-2/+8
%
See Models and Ratings table
Minimum Load
0A
No minimum load required
Start Up Delay
1.0
s
Start Up Rise Time
50
ms
Hold Up Time
20
ms
At full load and 115 VAC
Line Regulation
±0.5
%
Load Regulation
±1
%
Transient Response - V1
4%
Recovery within 1% in less than 2 ms
for a 50% step load change at 0.2 A/µs
Ripple & Noise
1
% pk-pk
Measured at 20 MHz bandwidth with 0.1 µF ceramic
capacitor and 47 µF electrolytic
Overvoltage Protection
28
33
V
24 V model
56
65
V
48 V model
Overload Protection
%
See Application Notes
Short Circuit Protection
Trip & restart (hiccup mode) for 5 cycles then latch.
Recycle AC to reset.
Thermal Protection
95 (±5)
°C
Measured on internal heatsink auto recovery
Temperature Coefficient
0.03
%/˚C
Remote On/Off
Selectable as Enable or Inhibit using front panel switch
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
90
264
VAC
Input Frequency
47
50/60
63
Hz
Power Factor
0.95
At 230 VAC. Conforms to EN61000-3-2 Class A
Input Current - Full Load
2.5/1.3
A
115/230 VAC
Inrush Current
33/65
A
At 115/230 VAC
Earth Leakage Current
1.0
mA
At 264 VAC, 60 Hz
Input Protection
T5.0 A / 250 V internal in-line fuse
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
91
92
%
See Models & Ratings table
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
500
VAC
Switching Frequency
100
kHz
PFC & Main converter
DC OK Signal
Volt free contacts rated at 60 VDC/0.3 A, 30 VDC/1.0 A or 30 VAC/0.5 A (resistive load)
Output LED
Green LED to indicate output on.
Mean Time Between Failure
>150
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
1.9 (860)
lb (g)


Similar Part No. - DSA240

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA240X150NA IXYS-DSA240X150NA Datasheet
667Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Parallel legs
DSA240X200NA IXYS-DSA240X200NA Datasheet
667Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Parallel legs
logo
Inchange Semiconductor ...
DSA240X200NA ISC-DSA240X200NA Datasheet
551Kb / 3P
   Schottky Diode
More results

Similar Description - DSA240

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPD08120MP6B2 THINKING-PPD08120MP6B2 Datasheet
384Kb / 17P
   Overload Protection
logo
Unisonic Technologies
UU4793 UTC-UU4793_15 Datasheet
191Kb / 5P
   OVERLOAD MONITORING
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
logo
STMicroelectronics
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
   Overload protection
March 2012 Rev 1
logo
SYNERGY MICROWAVE CORPO...
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
   Selectable frequency SYNTHESIZER
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231 Datasheet
306Kb / 17P
   SMBus-selectable features
logo
Maxim Integrated Produc...
MAX196EVKIT MAXIM-MAX196EVKIT Datasheet
205Kb / 8P
   Jumper-Selectable Configuration
Rev 0; 2/96
logo
List of Unclassifed Man...
MC36269 ETC2-MC36269 Datasheet
153Kb / 2P
   Mechanical Characteristic
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
   High overload capability
logo
SHENZHEN YONGERJIA INDU...
1N5817 WINNERJOIN-1N5817 Datasheet
93Kb / 2P
   ELECTRICAL CHARACTERISTIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com