Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM250PS28 Datasheet(PDF) 6 Page - XP Power Limited

Part # CCM250PS28
Description  250 W Convection Cooled
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCM250PS28 Datasheet(HTML) 6 Page - XP Power Limited

Back Button CCM250PS28 Datasheet HTML 2Page - XP Power Limited CCM250PS28 Datasheet HTML 3Page - XP Power Limited CCM250PS28 Datasheet HTML 4Page - XP Power Limited CCM250PS28 Datasheet HTML 5Page - XP Power Limited CCM250PS28 Datasheet HTML 6Page - XP Power Limited CCM250PS28 Datasheet HTML 7Page - XP Power Limited CCM250PS28 Datasheet HTML 8Page - XP Power Limited CCM250PS28 Datasheet HTML 9Page - XP Power Limited CCM250PS28 Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 10
Power Fail signal example
at AC switch off
Power Fail
V1
V2
Figure 11
V1 warning time example at Power Fail signal 230
VAC 250 W load (35 ms)
xppower.com
6
Signals
Power Fail
Figure 9
Pin 7 CON 1
Power Fail
Collector
Power Fail
Emitter
Pin 8 CON 1
POWER SUPPLY
Transistor On (<0.8 V): Input & Output Not OK
Transistor Off (>4.5 V): Input & Output OK
2K2
5 V Standby Rtn
Pin 1, 3 & 5
CON 1
Pin 2, 4 & 6
CON 1
5 V Standby
Signal Connector
8V Max 3 mA
Power Fail
V1
Characteristic
Notes & Conditions
Signals
Power Fail
Uncomitted opto isolated transistor, normally off when AC is good (see fig.9 - 11)
Provides
≥ 5 ms (typically 20-30ms) warning of loss of output from AC failure
Remote On/Off (Inhibit/Enable)
Uncommited isolated optocoupler diode, powered diode inhibits the supply (see fig.12-17)
Standby Supply V2
Isolated 5 V/0.5 A supply, always present when AC supplied.


Similar Part No. - CCM250PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCM250PS28 XPPOWER-CCM250PS28 Datasheet
258Kb / 2P
   300 W Peak Rating for 500 ms
More results

Similar Description - CCM250PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com