Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM250PS24 Datasheet(PDF) 11 Page - XP Power Limited

Part # CCM250PS24
Description  250 W Convection Cooled
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCM250PS24 Datasheet(HTML) 11 Page - XP Power Limited

Back Button CCM250PS24 Datasheet HTML 4Page - XP Power Limited CCM250PS24 Datasheet HTML 5Page - XP Power Limited CCM250PS24 Datasheet HTML 6Page - XP Power Limited CCM250PS24 Datasheet HTML 7Page - XP Power Limited CCM250PS24 Datasheet HTML 8Page - XP Power Limited CCM250PS24 Datasheet HTML 9Page - XP Power Limited CCM250PS24 Datasheet HTML 10Page - XP Power Limited CCM250PS24 Datasheet HTML 11Page - XP Power Limited CCM250PS24 Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
xppower.com
Xxxxxxxxxx
11
Mechanical Details
Output Connector CON 3
1
+V1
2
V 1 RTN
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50);
.xxx = ±0.01 (0.25)
Weight 1.7 lb (780 g) approx
Input Connector CON 4
Pin 1
Line
Pin 2
Neutral
Pin 3
Earth
Signals Connector CON 1
1
5 V Standby Return
2
5 V Standby
3
5 V Standby Return
4
5 V Standby
5
5 V Standby Return
6
5 V Standby
7
Power Fail (Collector)
8
Power Fail (Emitter)
9
Remote On / Off (Cathode)
10
Remote On / Off (Anode)
CON 4 mates with Molex housing
09-50-1051 and Molex series 5194
crimp terminals.
CON 1 mates with JST housing
PHDR-10VS with
contact SPHD-001T-P0.5
INPUT
TERMINAL
BLOCK
OUTPUT
TERMINA LS
M4 SCREWS
IN 2 POSITIONS.
TORQUE TO
90 cNm Max.
OUTPUT VOLT A GE
AD JUSTMENT.
SIGNALS
CONNECTIONS
C12
L2
C21
OUTPUT TERMINA LS
ALLO W CONNECTION
FROM EITHER TOP OR SIDE
-5Ve
+5Ve
P/F Collector
P/F Emitter
-Ve ROF
+Ve ROF
M3 MOUNTING HOLES (IN 4 POSITIONS).
MAX. PENETRATION BY SCREW TO BE
2.5mm FROM BOTTOM FACE OF CHASSIS.
3.94 (100.0)
0.94
(23.9)
6.00
(152.4)
M3 MOUNTING HOLES
(IN 2 POSITIONS, EACH SIDE).
MAX. PENETRATION BY SCREW TO BE
3.5mm FROM OUTSIDE FACE OF CHASSIS.
1.73
(44.0)
4.00
(101.6)


Similar Part No. - CCM250PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCM250PS24 XPPOWER-CCM250PS24 Datasheet
258Kb / 2P
   300 W Peak Rating for 500 ms
More results

Similar Description - CCM250PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com