Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCB250PS15 Datasheet(PDF) 7 Page - XP Power Limited

Part # CCB250PS15
Description  250 W Convection Cooled
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCB250PS15 Datasheet(HTML) 7 Page - XP Power Limited

Back Button CCB250PS15 Datasheet HTML 3Page - XP Power Limited CCB250PS15 Datasheet HTML 4Page - XP Power Limited CCB250PS15 Datasheet HTML 5Page - XP Power Limited CCB250PS15 Datasheet HTML 6Page - XP Power Limited CCB250PS15 Datasheet HTML 7Page - XP Power Limited CCB250PS15 Datasheet HTML 8Page - XP Power Limited CCB250PS15 Datasheet HTML 9Page - XP Power Limited CCB250PS15 Datasheet HTML 10Page - XP Power Limited CCB250PS15 Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
xppower.com
7
Signals
Remote On/Off (Inhibit/Enable)
Inhibit Hi
Pin 10 CON 1
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 9 CON 1
5 V Standby
2, 4 & 6 CON 1
Logic GND Pin
1, 3 & 5 CON 1
5 mA
8 V Max
Figure 12
Inhibit (Hi)
Figure 13
Inhibit (Lo)
Figure 14
Example of outputs
switching off when
Inhibit (Lo) configuration
used & switch closed
Inhibit
V2
V1
8 V Max
Inhibit Hi
Pin 10
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 9 CH 1
5 V Standby
Pin 2, 4 & 6
CON 1
Logic GND
Pin 1, 3 & 5
CON 1
5 mA
CON 1
Figure 15
Example of outputs
switching on when
Inhibit (Lo) configuration
used & switch open
Inhibit
V2
V1


Similar Part No. - CCB250PS15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCB250PS15 XPPOWER-CCB250PS15 Datasheet
1Mb / 5P
   Very Low Heat Loss
More results

Similar Description - CCB250PS15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com