Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCB200PS56 Datasheet(PDF) 2 Page - XP Power Limited

Part # CCB200PS56
Description  Very Long Capacitor Lifetime
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCB200PS56 Datasheet(HTML) 2 Page - XP Power Limited

  CCB200PS56 Datasheet HTML 1Page - XP Power Limited CCB200PS56 Datasheet HTML 2Page - XP Power Limited CCB200PS56 Datasheet HTML 3Page - XP Power Limited CCB200PS56 Datasheet HTML 4Page - XP Power Limited CCB200PS56 Datasheet HTML 5Page - XP Power Limited CCB200PS56 Datasheet HTML 6Page - XP Power Limited CCB200PS56 Datasheet HTML 7Page - XP Power Limited CCB200PS56 Datasheet HTML 8Page - XP Power Limited CCB200PS56 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
xppower.com
2
Input Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
80
115/230
300
VAC
Derate output power <90 VAC. See fig 1.
Power fail signal cannot be used <90 VAC.
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
EN61000-3-2 class A compliant
Input Current - Full Load
1.8/0.9
A
115/230 VAC
Inrush Current
40
A
230 VAC, 25 °C
No Load Input Power
0.5
W
Under inhibit condition
Earth Leakage Current
75/145
250
µA
115/230 VAC/50 Hz (Typ.), 264 VAC/60 Hz (Max.)
Input Protection
T5.0A/250 V internal fuse in both line and neutral
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
56
VDC
See Models and Ratings table
Initial Set Accuracy
±0.5
%
50% load, 115/230 VAC
Output Voltage Adjustment
-4
+5
%
V1 only via potentiometer. See mech. details (page 8).
Minimum Load
0A
Start Up Delay
0.5
s
230 VAC full load
Hold Up Time
20
ms
90 VAC full load
Drift
±0.2
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±1
%
0-100% load.
Transient Response - V1
4%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Ripple & Noise
1
% pk-pk
20 MHz bandwidth
Overvoltage Protection
115
140
%
Vnom DC. Output 1 only, recycle input to reset
Overload Protection
110
150
% I nom
Output 1 only, auto reset (see fig.2)
Short Circuit Protection
Continuous, trip & restart (hiccup mode) all outputs
Temperature Coefficient
0.05
%/˚C
Overtemperature Protection
°C
Not Fitted
Patient Leakage Current
75
100
µA
264 VAC/60 Hz
Models and Ratings - Convection-cooled
Output Power
Output Voltage V1
Output Current V1
5 V Standby (Optional)
Model Number
200 W
12.0 V
16.7 A
5 V/0.5 A
CCB200PS12
200 W
15.0 V
13.3 A
5 V/0.5 A
CCB200PS15
200 W
24.0 V
8.3 A
5 V/0.5 A
CCB200PS24
200 W
28.0 V
7.1 A
5 V/0.5 A
CCB200PS28
200 W
48.0 V
4.2 A
5 V/0.5 A
CCB200PS48
200 W
56.0 V
3.6 A
5 V/0.5 A
CCB200PS56
1. Add suffix -C for covered version, e.g. CCB200PS12-C.
2. Add suffix -A for 5 V standby option, or -AC for standby and cover options combined.


Similar Part No. - CCB200PS56

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCB200PS56 XPPOWER-CCB200PS56 Datasheet
1Mb / 5P
   Very Low Heat Loss
More results

Similar Description - CCB200PS56

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW44LS3C1A OPTOSUPPLY-OSW44LS3C1A Datasheet
109Kb / 1P
   Long Lifetime Operation
logo
Inventronics Inc.
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
   96W Programmable Driver with Ultra Long Lifetime
Rev.C
EUD-096SXXXDVL INVENTRONICS-EUD-096SXXXDVL Datasheet
695Kb / 13P
   96W Programmable Driver with Ultra Long Lifetime
Rev.B
EUD-150SXXXDVL INVENTRONICS-EUD-150SXXXDVL Datasheet
765Kb / 13P
   150W Programmable Driver with Ultra Long Lifetime
Rev. C
logo
OptoSupply Internationa...
OSOOJ23131A OPTOSUPPLY-OSOOJ23131A Datasheet
109Kb / 1P
   3mm Round Orange & Orange LED Long Lifetime Operation
logo
Inventronics Inc.
EUD-240SXXXDTL INVENTRONICS-EUD-240SXXXDTL Datasheet
895Kb / 14P
   240W Pr ogrammable Driver with Ultra Long Lifetime
Rev. B
logo
OptoSupply Internationa...
OSM5XAHBE1E OPTOSUPPLY-OSM5XAHBE1E Datasheet
502Kb / 2P
   Tops 25 Power Warm White LED Long lifetime operation
logo
Cornell Dubilier Electr...
3198 CDE-3198 Datasheet
788Kb / 3P
   Very Long Life, Low ESR
3198 CDE-3198_17 Datasheet
2Mb / 3P
   Very Long Life, Low ESR
logo
OptoSupply Internationa...
OSM5XAHEE1E OPTOSUPPLY-OSM5XAHEE1E Datasheet
530Kb / 2P
   Tops 200 (300) Power Warm White LED Long lifetime operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com