Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMM90PS19 Datasheet(PDF) 4 Page - XP Power Limited

Part # AMM90PS19
Description  Worldwide Medical Approvals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMM90PS19 Datasheet(HTML) 4 Page - XP Power Limited

  AMM90PS19 Datasheet HTML 1Page - XP Power Limited AMM90PS19 Datasheet HTML 2Page - XP Power Limited AMM90PS19 Datasheet HTML 3Page - XP Power Limited AMM90PS19 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
31-Jan-12
3.23 (82.0)
8.17
(207.6)
Cable length approx 48” (1219 mm)
Power On Indicator
1.96
(49.7)
Rubber foot
(4 places.)
AC Input
1 3
4
2
IEC 320/C14 Inlet - For Class I Version
IEC 320/C18 Inlet - For Class II Version
AMM150
Models and Ratings
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and 0.1 µF ceramic capacitor connected at the measurement point.
2. Total regulation includes set accuracy, line and load regulation.
3. For optional barrel jack connector, add suffix ‘ B1’ to the model number e.g. AMM150PS24B1 (not available on 12 V models)
4. For optional AC cable restraint on the Class I Version, add suffix ‘ A’ to the model number e.g. AMM150PS24A or AMM150PS24B1A. AC mains lead must be
Interpower Corporation, part number: 70006020300. Optional AC cable restraint is not available on the Class II Version.
5. For Class IIVersions, and ‘ C2’ to model number, eg. AMM150PS24C2.
6. Energy Star Level V.
1. Dimensions shown in inches (mm).
Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Weight: 2.16 lbs (980 g).
3. Output connector is 4 Pin DC Power Plug, locking type.
For mating half, use KYCON KPJX-4S-S or equivalent.
4. For Class I versions shell is connected to ground. For Class II Versions shell is
capacitively coupled to input.
5. For European mains lead order part: EU-MAINS-IEC
6. For UK mains lead order part: UK-MAINS-IEC
7. For US mains lead order part: US-MAINS-IEC
8. Mains lead length is 78“ (2000 mm) approx
Pin
Function
1
Return
2
Output+
3
Return
4
Output+
Notes
Output
Power
Output
Voltage
Output
Current
Total
Regulation(2)
Model
Number(4,5)
132 W
12 V
11.00 A
5%
AMM150PS12
144 W
15 V
9.60 A
5%
AMM150PS15
150 W
19 V
7.90 A
5%
AMM150PS19(6)
150 W
24 V
6.25 A
5%
AMM150PS24(3,6)
150 W
27 V
5.56 A
5%
AMM150PS27(3,6)
150 W
48 V
3.13 A
5%
AMM150PS48(3,6)
Optional Barrel Jack Connector
0.433 (11.0)
0.083 (2.1)
0.413
(10.5)
0.217
(5.5)
Mechanical Details
1
3
4
2


Similar Part No. - AMM90PS19

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMM90PS19 XPPOWER-AMM90PS19 Datasheet
70Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - AMM90PS19

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
SDM XPPOWER-SDM Datasheet
516Kb / 4P
   Medical Approvals
SDU XPPOWER-SDU Datasheet
201Kb / 2P
   Medical Approvals
logo
Laird Tech Smart Techno...
MMCU4 LSTD-MMCU4 Datasheet
282Kb / 2P
   Approvals and frequencies for worldwide deployment
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
   140W Medical Approvals
logo
Emerson Network Power
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com