Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASB110 Datasheet(PDF) 4 Page - XP Power Limited

Part # ASB110
Description  No Extra Components Required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB110 Datasheet(HTML) 4 Page - XP Power Limited

  ASB110 Datasheet HTML 1Page - XP Power Limited ASB110 Datasheet HTML 2Page - XP Power Limited ASB110 Datasheet HTML 3Page - XP Power Limited ASB110 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ASB110 Series
www.xppower.com
AC-DC Power Supplies
13-April-15
Application Notes
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
85Vac input
90Vac input
115Vac input
230Vac input
264Vac input
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
85Vac input
90Vac input
115Vac input
230Vac input
264Vac input
100
50
25
200
150
300
250
350
400
85
75
65
55
45
Baseplate Temperature (°C)
Lifetime
Efficiency Curves
Lifetime
ASB110PS12
ASB110PS24


Similar Part No. - ASB110

ManufacturerPart #DatasheetDescription
logo
EPCOS
ASB1200E EPCOS-ASB1200E Datasheet
219Kb / 8P
   Barometric pressure transducer for SMT
ASB1200V1 EPCOS-ASB1200V1 Datasheet
502Kb / 2P
   Pressure Sensors for Barometric Measurements in Consumer Applications
ASB1200VR EPCOS-ASB1200VR Datasheet
502Kb / 2P
   Pressure Sensors for Barometric Measurements in Consumer Applications
logo
XP Power Limited
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
   AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
ASB160PS12 XPPOWER-ASB160PS12 Datasheet
1Mb / 5P
   AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results

Similar Description - ASB110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
[Old version datasheet]   No External Components Required
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
   Low cost and no external components required.
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505_11 Datasheet
256Kb / 10P
   Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
   No external components required Operating temperature -70째 to 150째C
logo
Gamma Microelectronics ...
GM9135 GAMMA-GM9135 Datasheet
280Kb / 5P
   Only 5 external components required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
   No External Clock Required.
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
   No External Clock Required
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
   No firmware development required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com