Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2164-C60 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI2164-C60
Description  DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2164-C60 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI2164-C60 Datasheet HTML 1Page - Silicon Laboratories SI2164-C60 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Demodulator
Copyright © 2015 by Silicon Laboratories
11.5.15
Si2164C
HOST_SCL
HOST_SDA
FRONT
END
OSC
& PLL
x(A)PSK
QAM
DEMOD
S_ADC_IN
S_ADC_IP
S_ADC_QN
S_ADC_QP
ADC (I)
ADC (Q)
EQUAL-
IZER
I2C
SWITCH
TUN_SDA
TUN_SCL
GPIO
CTRL
I2C
I/F
MP_C/_D (Sat.)
RESETB
1.2, 3.3V
DSP &
SYNCHRO
DVB-T2/T/C2/C/S2/S
FEC MODULE
OFDM
DEMOD
EQUAL-
IZER
DiSEqCTM
2.0
TC_ADC_P
TC_ADC_N
AGCs
ADC
MP_A/_B (T & C)
Ext. Clk or Xtal
QPSK/8PSK/xAPSK
Satellite
ZIF Tuner
Silicon Labs
(Si217x/5x/4x)
TV Tuner
CLK_IN_OUT
LDPC
BCH
VITERBI
RS
TS_ERR/
GPIO_1
TS_SYNC
TS_VAL
8
TS_CLK
TS_DATA
Si2164-C60
DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
Description
The Si2164C integrates digital demodulators for all first and
second generation DVB standards (DVB-T/T2/C/C2/S/S2 and
S2X) in a single advanced CMOS die. Leveraging Silicon Labs'
proven digital demodulation architecture, the Si2164C achieves
excellent reception performance for each media while significantly
minimizing front-end design complexity, cost, and power
dissipation. Connecting the Si2164C to a hybrid TV tuner or digital
only tuner, such as Silicon Labs' Si217x/5x/4x devices, results in a
high-performance and cost optimized TV or STB front-end
solution.
Silicon Labs' internally developed DVB-C2 demodulator can
accept a standard IF (36 MHz) or low-IF input (differential) and
support all modes specified by the DVB-C2 standard. The main
features of the DVB-C2 mode are 4096-QAM, 6 or 8 MHz
bandwidth, management of notch insertion (broadband and
narrowband), and support of multiple data slices and PLPs.
DVB-T2/T, DVB-C2/C and DVB-S2/S demodulators are
next-generation enhanced versions of proven and broadly-used
Silicon Labs’ Si2169/68/67/66/64/62/60 devices. DVB-T2-Lite
(ETSI EN 302 755-V1.3.1) compatibility is also supported.
The satellite reception allows demodulating widespread DVB-S,
DIRECTV™ (DSS), DVB-S2, DIRECTV™ (AMC) legacy
standards, and new Part II of DVB-S2 (S2X) satellite broadcast
standard. A zero-IF interface (differential) allows for a seamless
connection to market proven satellite silicon tuners. Si2164C
embeds DiSEqCTM 2.0 LNB interface for satellite dish control and
an equalizer to compensate for echoes in long cable feeds from
the antenna to the satellite tuner input.
The cable reception allows demodulating widely deployed DVB-C
legacy standard (ITU-T J.83 Annex A/C) and the Americas' cable
standard (ITU-T J.83 Annex B).
The Si2164C offers an on-chip blind scan algorithm for DVB-S/S2/
S2X and DVB-C standards, as well as a blind lock function. The
Si2164C programmable transport stream output interface provides
a flexible range of output modes and is fully compatible with all
MPEG decoders or conditional access modules to support any
customer application.
Features
- Pin-to-pin compatible with all Si216x/8x single demods family
- API compatible with all single and dual demods families
- DVB-T2 (ETSI EN 302 755-V1.4.1) with T2-Lite (Annex I)
- Bandwidth: 1.7, 5, 6, 7, and 8 MHz
- NorDig Unified 2.5 and D-Book 8 compliant
- DVB-C2 (ETSI EN 302 769-V1.2.1)
- 16-QAM to 4096-QAM OFDM demodulation
- DVB-S2 (ETSI EN 302 307-1 V1.4.1)
- QPSK/8PSK demodulator
- DVB-S2X (ETSI EN302 307-2 V1.1.1)
- QPSK/8PSK, 8/16/32APSK demodulator
- Roll-off factors from 0.05 to 0.35
- DVB-T (ETSI EN 300 744)
- OFDM demodulator and enhanced FEC decoder
- NorDig Unified 2.5 and D-Book 8 compliant
- DVB-C (ETSI EN 300 429) and ITU-T J.83 Annex A/B/C
- QAM demodulator and FEC decoder
- 1 to 7.2 MSymbol/s
- DVB-S (ETSI EN 300 421) and DSS supported
- QPSK demodulator and enhanced FEC decoder
- 1 to 45 MSymbol/s for all satellite standards (<40 MSps in
32APSK)
- LDPC and BCH FEC decoding for C2/T2 and S2 standards
- I2C serial bus interfaces (master and host)
- Firmware control (embedded ROM/NVM)
- Upgradeable with patch download via fast SPI or I2C 
(broadcast mode supported)
- Flexible TS output interface (serial, parallel, and slave)
- DiSEqCTM 2.0 interface and UnicableTM support for satellite
- Fast lock times for all media
- Low power consumption
- Two power supplies: 1.2 and 3.3 V
- 7x7 mm, QFN-48 pin package, Pb-free/RoHS compliant
Applications
- iDTV: on-board design or in a NIM
- Advanced multimedia STB, PVR, and Blu-ray recorders
- PC-TV accessories


Similar Part No. - SI2164-C60

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI2164-C60 SKYWORKS-SI2164-C60 Datasheet
186Kb / 2P
   DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
November 25, 2021
SI2164-C60-GM SKYWORKS-SI2164-C60-GM Datasheet
186Kb / 2P
   DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
November 25, 2021
More results

Similar Description - SI2164-C60

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI2164-C60 SKYWORKS-SI2164-C60 Datasheet
186Kb / 2P
   DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
November 25, 2021
SI21642-C60 SKYWORKS-SI21642-C60 Datasheet
627Kb / 2P
   Dual DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI21642-C60 SILABS-SI21642-C60 Datasheet
196Kb / 2P
   Dual DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
SI2160-C60 SILABS-SI2160-C60 Datasheet
150Kb / 2P
   DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI2160-C60 SKYWORKS-SI2160-C60 Datasheet
155Kb / 2P
   DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
November 25, 2021
logo
Silicon Laboratories
SI2169-D60 SILABS-SI2169-D60 Datasheet
167Kb / 2P
   DVB-T2/T/C/S/S2/S2X Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21602-C60 SKYWORKS-SI21602-C60 Datasheet
621Kb / 2P
   Dual DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI21602-C60 SILABS-SI21602-C60 Datasheet
168Kb / 2P
   Dual DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
SI21832-B60 SILABS-SI21832-B60 Datasheet
196Kb / 2P
   Dual ISDB-T and DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21692-D60 SKYWORKS-SI21692-D60 Datasheet
616Kb / 2P
   Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com