Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4836 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4836
Description  Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4836 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4836 Datasheet HTML 1Page - Silicon Laboratories SI4836 Datasheet HTML 2Page - Silicon Laboratories SI4836 Datasheet HTML 3Page - Silicon Laboratories SI4836 Datasheet HTML 4Page - Silicon Laboratories SI4836 Datasheet HTML 5Page - Silicon Laboratories SI4836 Datasheet HTML 6Page - Silicon Laboratories SI4836 Datasheet HTML 7Page - Silicon Laboratories SI4836 Datasheet HTML 8Page - Silicon Laboratories SI4836 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
AN738
2
Rev. 0.2
2. Frequency Band Definition and Selection
Eighteen FM bands, five AM bands, and eighteen SW bands are defined for Si4825/36-A. In FM band, the parts
also offer two de-emphasis selections and two stereo LED indication threshold selections. In SW band, the part
offers 18 wide bands or 18 narrow bands. This section shows the detailed band definition and selection
information.
2.1. Band Definition
For the Si4825/36-A, the FM band definition is a combination of frequency range, de-emphasis and stereo LED
indication threshold (Si4836-A only). Customers should choose the band according to the frequency range, as well
as de-emphasis setting and stereo LED indication requirements. For AM and SW, simply choose the band
according to the frequency range desired.
Table 2. Band Sequence Definition for Si4836-A
Band
Number
Band
Name
Band Frequency Range
De-emphasis
(FM)
Channel
Space (AM)
Stereo LED on Conditions
Total R
to GND
(k
, 1%)
Band1
FM1
87–108 MHz
50 µs
Separation = 6 dB, RSSI = 20
47
Band2
FM2
87–108 MHz
50 µs
Separation = 12 dB,
RSSI = 28
57
Band3
FM3
87–108 MHz
75 µs
Separation = 6 dB, RSSI = 20
67
Band4
FM4
87–108 MHz
75 µs
Separation = 12 dB,
RSSI = 28
77
Band5
FM5
86.5–109 MHz
50 µs
Separation = 6 dB, RSSI = 20
87
Band6
FM6
86.5–109 MHz
50 µs
Separation = 12 dB,
RSSI = 28
97
Band7
FM7
87.3–108.25 MHz
50 µs
Separation = 6 dB, RSSI = 20
107
Band8
FM8
87.3–108.25 MHz
50 µs
Separation = 12 dB,
RSSI = 28
117
Band9
FM9
87.3–108.25 MHz
75 µs
Separation = 6 dB, RSSI = 20
127
Band10
FM10
87.3–108.25 MHz
75 µs
Separation = 12 dB,
RSSI = 28
137
Band11
FM11
76–90 MHz
50 µs
Separation = 6 dB, RSSI = 20
147
Band12
FM12
76–90 MHz
50 µs
Separation = 12 dB,
RSSI = 28
157
Band13
FM13
64–87 MHz
50 µs
Separation = 6 dB, RSSI = 20
167
Band14
FM14
64–87 MHz
50 µs
Separation = 12 dB,
RSSI = 28
177
Band15
FM15
76–108 MHz
50 µs
Separation = 6 dB, RSSI = 20
187
Band16
FM16
76–108 MHz
50 µs
Separation = 12 dB,
RSSI = 28
197


Similar Part No. - SI4836

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4836 SILABS-SI4836 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4836-A10-GS SKYWORKS-SI4836-A10-GS Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
More results

Similar Description - SI4836

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com