Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN738 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # AN738
Description  Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN738 Datasheet(HTML) 3 Page - Silicon Laboratories

  AN738 Datasheet HTML 1Page - Silicon Laboratories AN738 Datasheet HTML 2Page - Silicon Laboratories AN738 Datasheet HTML 3Page - Silicon Laboratories AN738 Datasheet HTML 4Page - Silicon Laboratories AN738 Datasheet HTML 5Page - Silicon Laboratories AN738 Datasheet HTML 6Page - Silicon Laboratories AN738 Datasheet HTML 7Page - Silicon Laboratories AN738 Datasheet HTML 8Page - Silicon Laboratories AN738 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
AN738
Rev. 0.2
3
Band17
FM17
64–108 MHz
50 µs
Separation = 6 dB, RSSI = 20
207
Band18
FM18
64–108 MHz
50 µs
Separation = 12 dB,
RSSI = 28
217
Band19
AM1
520–1710 kHz
10 k
227
Band20
AM2
522–1620 kHz
9 k
237
Band21
AM3
504–1665 kHz
9 k
247
Band22
AM4
522–1728 kHz /
520–1730 kHz
9 k / 10 k
257
Band23
AM5
510–1750 kHz
10 k
267
Band24
SW1
SW Wide Band SW Narrow Band
277
2.3–10.0 MHz
2.30–2.49 MHz
Band25
SW2
3.2–7.6 MHz
3.20–3.40 MHz
287
Band26
SW3
3.2–10.0 MHz
3.90–4.00 MHz
297
Band27
SW4
3.7–12.5 MHz
4.75–5.06 MHz
307
Band28
SW5
3.9–7.5 MHz
5.6–6.4 MHz
317
Band29
SW6
5.6–22 MHz
5.95–6.2 MHz
327
Band30
SW7
5.8–12.1 MHz
6.8–7.6 MHz
337
Band31
SW8
5.9–9.50 MHz
7.1–7.6 MHz
347
Band32
SW9
5.9–18.0 MHz
9.2–10 MHz
357
Band33
SW10
7.0–16.0 MHz
11.45–
12.25 MHz
367
Band34
SW11
7.0– 23.0 MHz
11.6–12.2 MHz
377
Band35
SW12
9.0–16.0 MHz
13.4–14.2 MHz
387
Band36
SW13
9.0–22.0 MHz
13.57–
13.87 MHz
397
Band37
SW14
9.5–18.0 MHz
15–15.9 MHz
407
Band38
SW15
10.0–16.0 MHz
17.1–18 MHz
417
Band39
SW16
10.0–22.0 MHz 17.48–17.9 MHz
427
Band40
SW17
13.0–18.0 MHz
21.2–22 MHz
437
Band41
SW18
18.0–28.5 MHz
21.45–
21.85 MHz
447
Table 2. Band Sequence Definition for Si4836-A (Continued)
Band
Number
Band
Name
Band Frequency Range
De-emphasis
(FM)
Channel
Space (AM)
Stereo LED on Conditions
Total R
to GND
(k
, 1%)


Similar Part No. - AN738

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7381 PANASONIC-AN7381 Datasheet
114Kb / 4P
   Tone Control Circuit
AN7384N PANASONIC-AN7384N Datasheet
47Kb / 4P
   Electronic Volume IC for Cassette Deck
logo
Infineon Technologies A...
AN73854 INFINEON-AN73854 Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
More results

Similar Description - AN738

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com