Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4844 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI4844
Description  Si48XX ATDD PROGRAMMING GUIDE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4844 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI4844 Datasheet HTML 1Page - Silicon Laboratories SI4844 Datasheet HTML 2Page - Silicon Laboratories SI4844 Datasheet HTML 3Page - Silicon Laboratories SI4844 Datasheet HTML 4Page - Silicon Laboratories SI4844 Datasheet HTML 5Page - Silicon Laboratories SI4844 Datasheet HTML 6Page - Silicon Laboratories SI4844 Datasheet HTML 7Page - Silicon Laboratories SI4844 Datasheet HTML 8Page - Silicon Laboratories SI4844 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
AN610
4
Rev. 0.3
4. ATDD Device Overview
The Si4822/26/27/40/44 devices are the tuner ICs for the analog tune digital display (ATDD) market. The Si4822/
26/27 are the consumer grade FM mono parts and are not EN55020 compliance.
In general, any commands and properties associated with setting FM stereo/mono modes and FM blending sent to
the ATDD mono parts will simply be ignored and will not have effects. Also, the commands for getting the FM
stereo status of a tuned channel is always "mono" for these parts. This effect will not be specified again in the rest
of the document.
The ATDD device has two operating modes of band detection configuration options: either the ATDD device
detects the band or the system controller detects and controls the band by its own mechanism. The diagrams
below illustrate how the ATDD device works in each mode.
Figure 1. ATDD Device is Responsible for Band Detection
Figure 2. System Controller is Responsible for Band Detection
Each of these two operating modes requires different hardware configuration. For the ATDD device, the BAND pin
of the device must be connected to the band switch resistor or to the power supply pin instead, i.e. VDD1 for
Si4822/26/40/44 and VDD for Si4827. At power up, the system controller is required to read the band configuration
state bits from the ATDD device and determine which configuration option is responsible for the band detection.
The ATDD device is a slave device which requires a host system controller to control it, similar to the Si47xx DTDD
family. The communication between the host and the salve devices is via the 2-wire bus mode. Unlike the Si47xx
DTDD devices, the ATDD device has its own PVR based tune wheel and resistor ladder based band switch. The
ATDD device reads the band switch resistor ladder to determine the frequency band and then reads the PVR tune
wheel position for channel tuning. When the ATDD device senses a change in either the PVR tune wheel position
or the band switch position, it will send out an interrupt request to the host system controller. The system controller
then issues a get status command to read the updated tuned frequency and band status for display on its LCD or
LED.
The communication interface between the system controller and the ATDD device is the 2-wire bus mode interface.
The hardware interface pins of the ATDD device are described in Table 2:
 
Host MCU  
(Master)  
ATDD Tuner
 
(Slave)  
RSTb 
IRQ 
SCLK 
SDIO 
PVR  Tune wheel  
Band switch 
Resistor ladder 
 
Host MCU  
(Master)  
ATDD Tuner
 
(Slave) 
RSTb 
IRQ 
SCLK 
SDIO 
PVR
  Tune wheel 
 
FM  
AM  
Band select 
VDD1   


Similar Part No. - SI4844

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4844 SILABS-SI4844 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4844 SILABS-SI4844 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4844 SILABS-SI4844 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4844-A10 SILABS-SI4844-A10 Datasheet
1Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4844-A10 SKYWORKS-SI4844-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
More results

Similar Description - SI4844

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
logo
M/A-COM Technology Solu...
AN3004 MA-COM-AN3004 Datasheet
83Kb / 5P
   Programming Guide, Integer N PLL Synthesizer 100 - 2800 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com