Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4827 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4827
Description  Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4827 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4827 Datasheet HTML 6Page - Silicon Laboratories SI4827 Datasheet HTML 7Page - Silicon Laboratories SI4827 Datasheet HTML 8Page - Silicon Laboratories SI4827 Datasheet HTML 9Page - Silicon Laboratories SI4827 Datasheet HTML 10Page - Silicon Laboratories SI4827 Datasheet HTML 11Page - Silicon Laboratories SI4827 Datasheet HTML 12Page - Silicon Laboratories SI4827 Datasheet HTML 13Page - Silicon Laboratories SI4827 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
AN603
10
Rev. 0.3
11. Record the Audio Stereo Separation2 (dB) = abs (VAUDIOL2 – VAUDIOR2).
12. Audio Stereo Separation (dB) = minimum (Audio Stereo Separation1, Audio Stereo Separation2)
3.7.3. Pass Criteria
FM Stereo separation should be greater than 32 dB.
3.8. FM Audio L/R Imbalance
3.8.1. Description
The test measures the gain / level imbalance between L and R channels in stereo mode.
3.8.2. Conditions / Procedure
1. Connect test equipment as shown in Figure 1.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = RMS Select.
i. Set Bandwidth = BP 3%.
ii. Set Units = dBV.
iii. Set Frequency Mode = FIX: 1 kHz.
4. Configure generator:
a. Set carrier frequency = 98 MHz.
b. Set RF level = 60 dBμV.
c. Select FM Modulation.
i. Set FM Deviation = 75 kHz.
ii. Set RF level = 60 dBμV.
iii. Set Source = LFGEN.
iv. Set LFGEN Frequency = 1 kHz.
d. Enable modulation.
e. Enable carrier.
5. Left channel audio level (dBV) = VAUDIOL.
6. Right channel audio level (dBV) = VAUDIOR.
7. Audio L/R imbalance (dB) = abs (VAUDIOL – VAUDIOR).
3.8.3. Pass Criteria
FM audio L/R imbalance should be no more than 1 dB.


Similar Part No. - SI4827

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4827 SILABS-SI4827 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4827 SILABS-SI4827 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4827-A10-CS SKYWORKS-SI4827-A10-CS Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Similar Description - SI4827

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN569 SILABS-AN569 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com