Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4827 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4827
Description  Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4827 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4827 Datasheet HTML 7Page - Silicon Laboratories SI4827 Datasheet HTML 8Page - Silicon Laboratories SI4827 Datasheet HTML 9Page - Silicon Laboratories SI4827 Datasheet HTML 10Page - Silicon Laboratories SI4827 Datasheet HTML 11Page - Silicon Laboratories SI4827 Datasheet HTML 12Page - Silicon Laboratories SI4827 Datasheet HTML 13Page - Silicon Laboratories SI4827 Datasheet HTML 14Page - Silicon Laboratories SI4827 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
AN602
Rev. 0.3
11
3.3. Si4822/26/40/44 Application Circuits: Slide Switch Select Band and MCU Re-define
Band Property
Figure 7 illustrates an Si4822/26/40/44 application circuit which uses a slide switch for band selection and enables
the host MCU to re-define the band property. For the band selection method using slide switch and resistors ladder,
refer to "2.2. Default Band Selection" on page 4. In this application, the user can select any default band and the
MCU will re-define the band’s property according to the design requirement. The MCU can only re-define the
selected band’s property, it cannot change an FM band to an AM or SW band, and vice versa. The two key points
to ensure the Si4822/26/40/44 works properly are as follows:
1. No pull-up resistor is connected to pin 1 LNA_EN.
2. Pin 5 BAND is connected to slide switch.
Figure 6. Si4822/26/40/44 Applications Circuit: Slide Switch Select Band and
MCU Re-define Band Property
FM1 (87MHz - 108MHz)
FM5 (64MHz - 87MHz)
AM1 (520kHz - 1710kHz)
Si4822/26/40/44
FM4 (76MHz - 90MHz)
SW1 (5.6MHz - 6.4MHz)
SW3(6.8MHz - 7.6MHz)
SW5(9.2MHz - 10.0MHz)
SW7(11.45MHz - 12.25MHz)
SW9 (13.4MHz - 14.2MHz)
SW11 (15MHz - 15.9MHz)
SW13 (17.1MHz - 18MHz)
SW15 (21.2MHz - 22MHz)
Si4826/44 only
Si4826/44 only
FM/SW
Optional
To host MCU
To host MCU
(For Si4822/26, pin23 is NC)
(For Si4822/26, pin24 is AOUT)
12
3
4
5
6
7
8
9
10
11
12
13
S2
R15
20k 1%
R10
20k 1%
R12
20k 1%
R11
20k 1%
R14
20k 1%
R9
20k 1%
R7
20k 1%
R8
50k 1%
R28
40k 1%
R29
120k 1%
L2
270nH
C19
0.1u
C15
4.7u
VR1
100k 10%
C6
0.1u
R6
100k
C5
0.47u
Q1
2SC9018
R31
1k
R32
10R
C30
33n
C33
10p
R41
120k
C31
33n
B6
2.5k/100M
C36
0.47u
R34
100k
C34
33p
C1
0.1u
R27
100R
R33
20k 1%
R35
20k 1%
R36
33k 1%
C13
47u
R43
30k 1%
R44
47k 1%
C4
4.7u
C7
4.7u
Y1
32.768KHz
C28
22p
C29
22p
R3
10k
ANT2
BAND [1]
LNA_EN
[1]
LNA_EN [1]
TUNE1
[1]
TUNE1 [1]
RESET
VCC
IRQ
SCLK
SDIO
LOUT
ROUT


Similar Part No. - SI4827

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4827 SILABS-SI4827 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4827 SILABS-SI4827 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4827-A10-CS SKYWORKS-SI4827-A10-CS Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Similar Description - SI4827

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN603 SILABS-AN603 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com