Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN383 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # AN383
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN383 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button AN383 Datasheet HTML 4Page - Silicon Laboratories AN383 Datasheet HTML 5Page - Silicon Laboratories AN383 Datasheet HTML 6Page - Silicon Laboratories AN383 Datasheet HTML 7Page - Silicon Laboratories AN383 Datasheet HTML 8Page - Silicon Laboratories AN383 Datasheet HTML 9Page - Silicon Laboratories AN383 Datasheet HTML 10Page - Silicon Laboratories AN383 Datasheet HTML 11Page - Silicon Laboratories AN383 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
AN383
8
Rev. 0.8
functionality is not used.
C16 (3.3 pF) is an optional filter capacitor for AMI pin 4 on Si473x devices and may be placed to shunt VCO energy
to GND and prevent it from radiating from an antenna connected to the AMI pin. Place C16 as close as possible to
AMI pin 4 and RFGND pin 3. The ground path should be optimized on the top layer. Route pin 4 to GND/RFGND if
the pin functionality is not used.
2.2.3. GPIO Mitigation Components
C15 (33 pF) is an optional filter capacitor for GPO1 pin 19 and may be placed to shunt VCO energy to GND and
prevent it from radiating. Place C15 as close as possible to GPO1 pin 19. The ground path should be optimized on
the top layer.
R20 (330
) is an optional mitigating resistor for GPO1 pin 19 and may be placed to prevent VCO energy from
radiating from GPO1 pin. Place R20 as close as possible to GPO1 pin 19. R20 is not required if GPO1 is pulled up/
down by design and has no other connections.
C18 (33 pF) is an optional filter capacitor for GPO2 pin 18 and may be placed to shunt VCO energy to GND and
prevent it from radiating. Place C18 as close as possible to GPO2 pin 18. The ground path should be optimized on
the top layer.
R19 (330
) is an optional mitigating resistor for GPO2 pin 18 and may be placed to prevent VCO energy from
radiating from GPO2 pin. Place R19 as close as possible to GPO2 pin 18. R19 is not required if GPO2 is pulled up/
down by design and has no other connections.
2.2.4. LPI Mitigation Components
C4 (3.3 pF) is an optional filter capacitor for TXO/LPI pin 4 on Si4704/05/06/1x/2x devices and may be placed to
shunt VCO energy to GND and prevent it from radiating from an antenna connected to the TXO/LPI pin. Make
measurements with different C4 and L1 values in-system to optimize the filter’s performance for the antenna
design chosen. Place C4 as close as possible to TXO/LPI pin 4 and RFGND pin 3. The ground path should be
optimized on the top layer. Route pin 4 to GND/RFGND if the pin functionality is not used.
L1 (15 nH) is an optional filter inductor for TXO/LPI pin 4 on Si4704/05/06/1x/2x devices and may be placed to
prevent VCO energy from radiating from an antenna connected to the TXO/LPI pin. Make measurements with
different C4 and L1 values in-system to optimize the filter’s performance for the antenna design chosen. Place L1
as close as possible to TXO/LPI pin 4. Route pin 4 to GND/RFGND if the pin functionality is not used.
Table 4. GPIO Mitigation Components
Option
Components
Sensitivity
Mitigation
Cost
1
C15 = 33 pF
R20 = 330
C18 = 33 pF
R19 = 330
Best
Best
Low
2
C15 = 33 pF
R20 = 330
C18 = NP
R19 = 330
Best
Good
Low
Table 5. LPI Mitigation Components
Option
Components
Sensitivity
Mitigation
Cost
1C4 = 3.3 pF
L1 = 15 nH
Best
Best
Low


Similar Part No. - AN383

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN38 PANASONIC-AN38 Datasheet
45Kb / 4P
   Cylinder Hall motor driving IC for VCR
AN38 PANASONIC-AN38 Datasheet
237Kb / 6P
   VCR CAPSTAN DIREET MOTOR DRIVE CIRCUIT
AN38 PANASONIC-AN38 Datasheet
103Kb / 11P
   Sensor-less Motor Drive IC for VTR Movie Cylinder
AN38 PANASONIC-AN38 Datasheet
55Kb / 6P
   Cylinder/capstan motor driver IC for video camera
logo
QT Optoelectronics
AN38 QT-AN38 Datasheet
700Kb / 8P
   0.300-INCH SEVEN SEGMENT DISPLAYS
More results

Similar Description - AN383

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com