Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4709 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI4709
Description  Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4709 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4709 Datasheet HTML 1Page - Silicon Laboratories SI4709 Datasheet HTML 2Page - Silicon Laboratories SI4709 Datasheet HTML 3Page - Silicon Laboratories SI4709 Datasheet HTML 4Page - Silicon Laboratories SI4709 Datasheet HTML 5Page - Silicon Laboratories SI4709 Datasheet HTML 6Page - Silicon Laboratories SI4709 Datasheet HTML 7Page - Silicon Laboratories SI4709 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN350
Rev. 0.2
5
Figure 3. Two Layer Stackup
Figure 4. Four Layer Stackup
2.5. Si4708/09 2.5 x2.5 mm Design Checklist
The following design checklist summarizes the guidelines presented in this section:
Place bypass caps C1, C2, and C3 as close as possible to the supply and ground pins.
Place a VIA connecting C1, C2, and C3 to the power supplies such that the cap is between the Si4708/09 and
the VIA.
Route a wide, low inductance return current path from the C1, C2, and C3 to the Si4708/09 GND pins.
Place C4 as close as possible to FMI pin 2 and RFGND pin 3.
Place a VIA connecting C4 to FMI on another layer as needed such that the cap is between Si4708/09 and the
VIA.
Place the series termination resistors R2–R6, as close to the host controller as possible.
Place a ground plane under the device as shown in Figure 3, “Two Layer Stackup” or Figure 4, “Four Layer
Stackup”.
Place a local ground plane directly under the device for designs in which a continuous ground plane is not
possible.
Required for Si4709: Place R1 or C5 on opposite side of the PCB as the Si4709 for noise suppression. Place
the VIA as close to pin 15 as possible and route the GPO trace to the system controller on this layer.
Route all traces to minimize inductive and capacitive coupling by keeping digital traces away from analog and
RF traces, minimizing trace length, minimizing parallel trace runs, and keeping current loops small.
Route all GND (including RFGND) pins to the ground pad. The ground pad should be connected to the ground
plane by using multiple VIAs to minimize ground potential differences.
Route power to the Si4708/09 by trace, ensuring that each trace is rated to handle the required current.
Do not route signal traces on the ground layer directly under the Si4708/09.
Do not route signal traces under the Si4708/09 without a ground plane between the Si4708/09 and signal trace.
Do not route digital or RF traces over breaks in the ground plane.
Do not route digital signals or reference clock traces near the VCO pin 1 and 16 or the LOUT/ROUT output pin
13 and 12.
Do not route VCO pin 1 and 16 (NC). These pins must be left floating to guarantee proper operation.
Flood the primary and secondary layers with ground and place stitching VIAs.
Place the Si4708/09 close to the antenna(s) to minimize antenna trace length and capacitance and to minimize
inductive and capacitive coupling. This recommendation must be followed for optimal device performance.
Route the antenna trace over an unobstructed ground plane to minimize antenna loop area and inductive
coupling.
Design, place, and route other circuits such that radiation in the band of interest is minimized.
LAYER 2 – GROUND
LAYER 1 – PRIMARY
LAYER 1 – PRIMARY
LAYER 2 – GROUND
LAYER 3 – ROUTE
LAYER 4 – SECONDARY


Similar Part No. - SI4709

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4709 SILABS-SI4709 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4709 SILABS-SI4709 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4709 SILABS-SI4709 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
SI4709 SILABS-SI4709 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4709 SILABS-SI4709 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
More results

Similar Description - SI4709

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Silicon Laboratories
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com