Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4713 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4713
Description  RECEIVE POWER SCAN PRIMER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4713 Datasheet HTML 1Page - Silicon Laboratories SI4713 Datasheet HTML 2Page - Silicon Laboratories SI4713 Datasheet HTML 3Page - Silicon Laboratories SI4713 Datasheet HTML 4Page - Silicon Laboratories SI4713 Datasheet HTML 5Page - Silicon Laboratories SI4713 Datasheet HTML 6Page - Silicon Laboratories SI4713 Datasheet HTML 7Page - Silicon Laboratories SI4713 Datasheet HTML 8Page - Silicon Laboratories SI4713 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AN307
2
Rev. 0.2
2.2. Minimum Averaged Noise Level
By using the average of several frequency bins, the algorithm selects stations away from strong adjacent channels
because certain receivers suffer from poor blocker performance. The noise is averaged over the current frequency
±1 channel to arrive at the measurement. To reduce the effects of noise floor shaping, the algorithm divides the FM
spectrum into several separate bands and finds the lowest power in each (same as algorithm 1). Figure 2
illustrates an RPS spectrum (in red) along with the averaged noise level spectrum (in black).
Figure 2. Selecting Stations Using Average Minimum Power in Five FM Frequency Bands
Certain receivers may suffer from poor performance due to blockers at either adjacent (N±1) or alternate channels
(N±2). As a further enhancement, the RPS scan algorithm can incorporate alternate channels by averaging over
five channels (N–2, N–1, N, N+1, N+2). The averaging is weighted using the coefficients (1, 2, 6, 2, 1) and then
normalized by the sum of the coefficients. The current channel (N) has the most effect on the averaged value
(coefficient value 6), followed by the adjacent channels (coefficient value 2), and finally the alternate channels
(coefficient value 1). This algorithm improves performance with receivers that are sensitive to alternate channel
interference.


Similar Part No. - SI4713

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4713 SILABS-SI4713 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4713 SILABS-SI4713 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4713 SILABS-SI4713 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4713 SILABS-SI4713 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
Si4713 SILABS-Si4713 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4713

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4712 SILABS-SI4712 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
SI4712-B30 SILABS-SI4712-B30 Datasheet
1Mb / 42P
   FM RADIO TRANSMITTER WITH RECEIVE POWER SCAN
logo
List of Unclassifed Man...
AMWx06-A1U ETC2-AMWx06-A1U Datasheet
1Mb / 13P
   Serial Communications Primer
NE602 ETC-NE602 Datasheet
996Kb / 6P
   NE602 PRIMER
logo
3M Electronics
P592 3M-P592 Datasheet
387Kb / 6P
   Adhesion Promoter/Primer
AP596 3M-AP596 Datasheet
387Kb / 6P
   Adhesion Promoter/Primer
logo
List of Unclassifed Man...
PPC219 ETC2-PPC219 Datasheet
535Kb / 1P
   Construction Substrate material, primer, adhesive
logo
3M Electronics
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
   Scotch-WeldTM Structural Adhesive Primer
EC-1945 3M-EC-1945 Datasheet
18Kb / 4P
   Scotch-WeldTM Structural Adhesive Primer
logo
List of Unclassifed Man...
PPC221 ETC1-PPC221 Datasheet
533Kb / 1P
   Construction : Substrate material, primer, adhesive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com