Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4712 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI4712
Description  RECEIVE POWER SCAN PRIMER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4712 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4712 Datasheet HTML 1Page - Silicon Laboratories SI4712 Datasheet HTML 2Page - Silicon Laboratories SI4712 Datasheet HTML 3Page - Silicon Laboratories SI4712 Datasheet HTML 4Page - Silicon Laboratories SI4712 Datasheet HTML 5Page - Silicon Laboratories SI4712 Datasheet HTML 6Page - Silicon Laboratories SI4712 Datasheet HTML 7Page - Silicon Laboratories SI4712 Datasheet HTML 8Page - Silicon Laboratories SI4712 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN307
Rev. 0.2
5
4. Measuring RPS Algorithm Performance
4.1. Procedure
In order to characterize the performance of the RPS algorithm at selecting good candidate stations, testing should
be performed in several vehicles at different locations and with the transmitter at different locations inside the car.
This testing uses a qualitative scale measurement of Good, Acceptable, and Poor to characterize the FM receiver
performance. After the algorithm selects a candidate station, the car receiver is tuned to the station, the Si4712 is
set to transmit on the station at 115 dBuV power and the subjective audio performance is recorded. In order to
quantify the margin that the transmitter has on this particular station, the transmit power is reduced in 10 dB steps
until the audio can no longer be received. This margin is defined as the amount of power reduction from 115 dBuV
power that can be achieved while still maintaining a "Good" measurement.
4.2. Strong Signal Environment
Figure 3 shows three RPS spectra measured with a Si4712 EVB with a 10 cm board stub antenna at a location
with a direct line-of-sight view of several FM broadcast towers. This situation is representative of the strongest
signal environment likely to be encountered. Using the minimum average RNL method with the filter size set to five
channels to select candidate stations, four out of five showed good performance with the Si4712 positioned on the
dashboard. Repeating the procedure with the Si4712 on the passenger seat yielded three out of five good
candidate stations.
Figure 3. Si4712 RPS Station Scan Results in a Strong Signal Environment
Strong Signal Environm ent
0
10
20
30
40
50
60
70
8750
9250
9750
10250
10750
Dashboard (Scan 1)
Good (Scan 1)
Acceptable (Scan 1)
Poor (Scan 1)
Passenger Seat (Scan 2)
Good (Scan 2)
Acceptable (Scan 2)
Poor (Scan 2)
Search Band Boundary


Similar Part No. - SI4712

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4712 SILABS-SI4712 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4712 SILABS-SI4712 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4712 SILABS-SI4712 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4712 SILABS-SI4712 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
Si4712 SILABS-Si4712 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4712

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4712 SILABS-SI4712 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
SI4712-B30 SILABS-SI4712-B30 Datasheet
1Mb / 42P
   FM RADIO TRANSMITTER WITH RECEIVE POWER SCAN
logo
List of Unclassifed Man...
AMWx06-A1U ETC2-AMWx06-A1U Datasheet
1Mb / 13P
   Serial Communications Primer
NE602 ETC-NE602 Datasheet
996Kb / 6P
   NE602 PRIMER
logo
3M Electronics
P592 3M-P592 Datasheet
387Kb / 6P
   Adhesion Promoter/Primer
AP596 3M-AP596 Datasheet
387Kb / 6P
   Adhesion Promoter/Primer
logo
List of Unclassifed Man...
PPC219 ETC2-PPC219 Datasheet
535Kb / 1P
   Construction Substrate material, primer, adhesive
logo
3M Electronics
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
   Scotch-WeldTM Structural Adhesive Primer
EC-1945 3M-EC-1945 Datasheet
18Kb / 4P
   Scotch-WeldTM Structural Adhesive Primer
logo
List of Unclassifed Man...
PPC221 ETC1-PPC221 Datasheet
533Kb / 1P
   Construction : Substrate material, primer, adhesive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com