Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN243 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # AN243
Description  Describe the high-level differences between RDS and RBDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN243 Datasheet(HTML) 2 Page - Silicon Laboratories

  AN243 Datasheet HTML 1Page - Silicon Laboratories AN243 Datasheet HTML 2Page - Silicon Laboratories AN243 Datasheet HTML 3Page - Silicon Laboratories AN243 Datasheet HTML 4Page - Silicon Laboratories AN243 Datasheet HTML 5Page - Silicon Laboratories AN243 Datasheet HTML 6Page - Silicon Laboratories AN243 Datasheet HTML 7Page - Silicon Laboratories AN243 Datasheet HTML 8Page - Silicon Laboratories AN243 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AN243
2
Rev. 0.2
deviation, limited to 7.5 kHz in the standard, but typically broadcast at about 2 kHz; therefore, RDS is generally
difficult for the receiver to decode unless a signal is fairly strong. In urban environments with many large
broadcasting stations, an FM tuner with modest performance can typically receive many signals which exceed the
requirements for decoding RDS.
*Note: RDS/RBDS will be noted as only RDS throughout this paper since the two standards are largely unified.
Figure 1. MPX Signal Spectrum
RDS in Europe and RBDS in North America are identical at the physical layer, and nearly identical at the data-link
and presentation layers, with exceptions highlighted in Section 7. Differences between the data-link layers are
managed internally by the device. Key differences at the presentation layer are discussed later in this document.
The remainder of this document refers to RDS and RBDS simply as RDS where a distinction is not required.
RDS is transmitted in a continuous stream of four data blocks each containing 26 bits of content and error-
correction information. Each set of four blocks constitutes a group. There are required repetition rates in the
standard to which all RDS-certified transmitting devices must adhere (shown in Table 2), but aside from this, all
information related to presenting the content of an RDS group is contained within the four blocks of data.
Figure 2. Structure of the Baseband Coding
The blocks each contain 26 bits; 16 bits in the information word, and 10 bits in the checkword and offset word. The
checkword and offset word contain error correction, synchronization, and block identification information. The
information word contains the coded content of the data blocks including RDS group types and associated content,
and represents 64 total bits per group of four data blocks (16 x 4 = 64).
There are 32 possible group types ranging from basic tuning information and emergency warnings, to "Open Data
Applications (ODA)" which can support many content types. In most of the North American and European markets,
only a few RDS groups are used by the broadcasters conveying station identifiers, alternative frequencies between
broadcast coverage areas, traffic alerts and locations, and relevant information to the broadcast content. Other
markets are currently using similar group patterns.
The information coded into each RDS group has a common fixed structure according to the RDS group type. The
structure dictates a standard repetitive data format and repetition rate to maximize reliability in all environments,
while allowing for content flexibility. The structure for all RDS group types is shown in Figure 3.
057
53
38
23
19
15
Frequency (kHz)
Stereo Audio
Left - Right
RDS/
RBDS
Mono Audio
Left + Right
Stereo
Pilot


Similar Part No. - AN243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2430 STMICROELECTRONICS-AN2430 Datasheet
195Kb / 24P
   STR75x SystemMemory boot mode
AN2432 STMICROELECTRONICS-AN2432 Datasheet
636Kb / 27P
   This document describes a 60W adapter application using
AN2435 STMICROELECTRONICS-AN2435 Datasheet
750Kb / 25P
   TM sepic converter in PFC pre-regulator
AN2439 STMICROELECTRONICS-AN2439 Datasheet
416Kb / 20P
   27 W Output power ultra wide range input
More results

Similar Description - AN243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2695 STMICROELECTRONICS-AN2695 Datasheet
97Kb / 13P
   Differences between the ST10F276Z5 and its emulator
TN0436 STMICROELECTRONICS-TN0436 Datasheet
73Kb / 10P
   This document describes the differences between
logo
Silicon Laboratories
SI4706-D50 SILABS-SI4706-D50 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
logo
STMicroelectronics
TN0108 STMICROELECTRONICS-TN0108 Datasheet
212Kb / 26P
   Migration differences between SPC560B4x/50
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com