Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC-7 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # RC-7
Description  Switchmode/ High Frequency Rod Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

RC-7 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  RC-7_13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Switchmode/ High Fr equency
Ro d Co r e I n d u cto r s
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
RC-7
Description:
Triad high current rod core inductors provide cost effective energy storage.
By conditioning the output signal, the inductor smoothes out the current
waveform to provide a more stable current. These low cost inductors are
designed to be compatible with automated P.C.B. installation.
Outline Dimensions:
A. Dimensions: As figure show
Unit: In inch
B. PIN DIM. : As figure show
C. WT Lbs. : 0.03
Oz
Type No.
+/- 10% Inductance
DC Rated Current
+/- 15% DC Resistance
Ohms
RC-7
450.0 uH
1.000A
0.420
Inductance at a frequency range of 20KHz to 200KHz
Rated current 10 amps per pin maximum.
Rated current renders approximately 40C temperature rise.
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
*Upon printing, this document is considered “uncontrolled”.Please contact
Triad Magnetics‘ website for the most current version.


Similar Part No. - RC-7_13

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
   19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-721B BOSER-RC-721B Datasheet
133Kb / 1P
   19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-721B-6SD2 BOSER-RC-721B-6SD2 Datasheet
133Kb / 1P
   19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-721BA-6SD2 BOSER-RC-721BA-6SD2 Datasheet
133Kb / 1P
   19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
logo
List of Unclassifed Man...
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
   19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
More results

Similar Description - RC-7_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
RC-2 TRIAD-RC-2_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-3 TRIAD-RC-3_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-8 TRIAD-RC-8_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-9 TRIAD-RC-9_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-10 TRIAD-RC-10_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-5 TRIAD-RC-5_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-6 TRIAD-RC-6_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-1 TRIAD-RC-1_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-11 TRIAD-RC-11_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-4 TRIAD-RC-4_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com