Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACTQ10 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ10
Description  Quiet Series Triple 3-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ10 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ10 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ10 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ10 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ10 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ10 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACTQ10
Quiet Series Triple 3-Input NAND Gate
General Description
The ’ACTQ10 contains three, 3-input NAND gates and uti-
lizes NSC Quiet Series technology to guarantee quiet output
switching and improved dynamic threshold performance.
FACT Quiet Series®features GTO® output control and un-
dershoot corrector in addition to a split ground bus for supe-
rior ACMOS performance.
Features
n ICC reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Minimum 2 kV ESD protection
n Outputs source/sink 24 mA
n ’ACTQ10 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD) 5962-9218201
Logic Symbol
Pin Names
Description
A
n,Bn,Cn
Inputs
O
n
Outputs
Connection Diagrams
GTO® is a trademark of National Semiconductor Corporation.
FACT® and FACT Quiet Series® are trademarks of Fairchild Semiconductor Corporation.
IEEE/IEC
DS010892-1
Pin Assignment
for DIP and Flatpak
DS010892-2
Pin Assignment
for LCC
DS010892-3
September 1998
© 1998 National Semiconductor Corporation
DS010892
www.national.com


Similar Part No. - 54ACTQ10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
54ACTQ14D NSC-54ACTQ14D Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
54ACTQ14F NSC-54ACTQ14F Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
54ACTQ14L NSC-54ACTQ14L Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ACTQ10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ10 FAIRCHILD-74ACTQ10 Datasheet
80Kb / 7P
   Quiet Series??Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com