Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2531LQX1515E Datasheet(PDF) 1 Page - Texas Instruments

Part # LMX2531LQX1515E
Description  High-Performance Frequency Synthesizer System
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2531LQX1515E Datasheet(HTML) 1 Page - Texas Instruments

  LMX2531LQX1515E Datasheet HTML 1Page - Texas Instruments LMX2531LQX1515E Datasheet HTML 2Page - Texas Instruments LMX2531LQX1515E Datasheet HTML 3Page - Texas Instruments LMX2531LQX1515E Datasheet HTML 4Page - Texas Instruments LMX2531LQX1515E Datasheet HTML 5Page - Texas Instruments LMX2531LQX1515E Datasheet HTML 6Page - Texas Instruments LMX2531LQX1515E Datasheet HTML 7Page - Texas Instruments LMX2531LQX1515E Datasheet HTML 8Page - Texas Instruments LMX2531LQX1515E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
VCO
VREG
Charge
Pump
Fast
Lock
1
R
Divider
Serial Interface
Control
DATA
CLK
LE
CE
PLL
VREG1
VregVCO
VrefVCO
OSCin
OSCin*
Fout
Vtune
CPout
FLout
Ftest/ LD
DIG
VREG
PLL
VREG2
Prescaler
N
Divider
Comp
MUX
1/2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMX2531
SNAS252S – OCTOBER 2005 – REVISED DECEMBER 2014
LMX2531 High-Performance Frequency Synthesizer System With Integrated VCO
1 Features
3 Description
The LMX2531 is a low-power, high-performance
1
Multiple Frequency Options Available
frequency synthesizer system which includes a fully
See Device Information Table
integrated delta-sigma PLL and VCO with fully
Frequencies From: 553 MHz to 3132 MHz
integrated tank circuit. The third and fourth poles are
also integrated and adjustable. Ultra-low noise and
PLL Features
high-precision LDOs are integrated for the PLL and
Fractional-N Delta-Sigma Modulator Order
VCO, which yield higher supply-noise immunity and
Programmable up to Fourth Order
more consistent performance. When combined with a
FastLock/Cycle Slip Reduction with Timeout
high-quality reference oscillator, the LMX2531 device
Counter
generates
very
stable,
low-noise
local-oscillator
signals for up and down conversion in wireless
Partially Integrated, Adjustable Loop Filter
communication devices. The LMX2531 device is a
Very Low Phase Noise and Spurs
monolithic
integrated
circuit,
fabricated
in
an
VCO Features
advanced
BiCMOS
process.
Several
different
versions
of
this
product
accommodate
different
Integrated Tank Inductor
frequency bands.
Low Phase Noise
Other Features
Device Information(1)
2.8-V to 3.2-V Operation
PART
LOW BAND
HIGH BAND
LMX2531LQ1146E
553 — 592 MHz
1106 — 1184 MHz
Low Operating Current
LMX2531LQ1226E
592 — 634 MHz
1184 — 1268 MHz
Low Power-Down Current
LMX2531LQ1312E
634 — 680 MHz
1268 — 1360 MHz
1.8-V MICROWIRE Support
LMX2531LQ1415E
680 — 735 MHz
1360 — 1470 MHz
36-Pin 6-mm × 6-mm × 0.8-mm WQFN
LMX2531LQ1500E
749.5 — 755 MHz
1499 — 1510 MHz
Package
LMX2531LQ1515E
725 — 790 MHz
1450 — 1580 MHz
LMX2531LQ1570E
765 — 818 MHz
1530 — 1636 MHz
2 Applications
LMX2531LQ1650E
795 — 850 MHz
1590 — 1700 MHz
Cellular Base Stations
LMX2531LQ1700E
831 — 885 MHz
1662 — 1770 MHz
Wireless LANs
LMX2531LQ1742
880 — 933 MHz
1760 — 1866 MHz
Broadband Wireless Access
LMX2531LQ1778E
863 — 920 MHz
1726 — 1840 MHz
Satellite Communications
LMX2531LQ1910E
917 — 1014 MHz
1834 — 2028 MHz
Wireless Radios
LMX2531LQ2080E
952 — 1137 MHz
1904 — 2274 MHz
Automotive
LMX2531LQ2265E
1089 — 1200 MHz
2178 — 2400 MHz
CATV Equipment
LMX2531LQ2570E
1168 — 1395 MHz
2336 — 2790 MHz
Instrumentation and Test Equipment
LMX2531LQ2820E
1355 — 1462 MHz
2710 — 2925 MHz
RFID Readers
LMX2531LQ3010E
1455 — 1566 MHz
2910 — 3132 MHz
Data Converter Clocking
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMX2531LQX1515E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQX NSC-LMX2531LQX Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
More results

Similar Description - LMX2531LQX1515E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Texas Instruments
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W137 CYPRESS-W137 Datasheet
174Kb / 10P
   Bx Notebook System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com