Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2305ZI-1HT Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SL2305ZI-1HT
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2305ZI-1HT Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL2305ZI-1HT Datasheet HTML 2Page - Silicon Laboratories SL2305ZI-1HT Datasheet HTML 3Page - Silicon Laboratories SL2305ZI-1HT Datasheet HTML 4Page - Silicon Laboratories SL2305ZI-1HT Datasheet HTML 5Page - Silicon Laboratories SL2305ZI-1HT Datasheet HTML 6Page - Silicon Laboratories SL2305ZI-1HT Datasheet HTML 7Page - Silicon Laboratories SL2305ZI-1HT Datasheet HTML 8Page - Silicon Laboratories SL2305ZI-1HT Datasheet HTML 9Page - Silicon Laboratories SL2305ZI-1HT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev 2.1, October 22, 2007
Page 6 of 11
SL2305
Switching Specifications: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Notes:
1. For the given maximum loading conditions. See CL in Operating Conditions Table.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Symbol
Description
Condition
Min
Max
Unit
FMAX1
Maximum Frequency
(Input=Output )
[1]
All Active PLL Modes
High drive (-1H). All outputs CL=15pF
10
140
MHz
High drive (-1H), All outputs CL=30pF
10
100
MHz
Standard drive, (-1), All outputs CL=15pf
10
100
MHz
Standard drive, (-1), All outputs CL=30pf
10
66
MHz
INDC
Input Duty Cycle
Measured at 1.4V, Fout=66MHz,
CL=15pF
30
70
%
OUTDC1
Output Duty Cycle
Measured at 1.4V, Fout
≥50MHz,
CL=15pF
[2]
40
60
%
OUTDC2
Output Duty Cycle
Measured at 1.4V, Fout
≤50MHz,
CL=15pF
[2]
45
55
%
tr/f
Rise, Fall Time (3.3V)
(Measured at: 0.8 to 2.0V)
[2]
High drive (-1H), CL=10pF
1.5
ns
High drive (-1H), CL=30pF
1.8
ns
Standard drive (-1), CL=10pF
2.2
ns
Standard drive (-1), CL=30pF
2.5
ns
t1
Output-to-Output Skew
(Measured at VDD/2)
[2]
All outputs CL=0 or equally loaded, -1 or
-1H drives
150
ps
t2
Product-to-Product Skew
(Measured at VDD/2)
[2]
All outputs CL=0 or equally loaded, -1 or
-1H drives
400
ps
t3
Delay Time, CLKIN Rising
Edge to CLKOUT Rising
Edge
Measured at VDD/2
[2]
–220
220
ps
tPLOCK
PLL Lock Time
Time from 90% of VDD to valid clocks on
all the output clocks
[2]
1.0
ms
CCJ
Cycle-to-cycle Jitter
Fin=Fout=66 MHz, <CL=15pF, -1H drive
[2]
140
ps
Fin=Fout=66 MHz, <CL=15pF, -1 drive
150
ps
Fin=Fout=66 MHz, <CL=30pF, -1H drive
160
ps
Fin=Fout=66 MHz, <CL=30pF, -1 drive
170
ps


Similar Part No. - SL2305ZI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2305ZI-1HT SPECTRALINEAR-SL2305ZI-1HT Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL2305ZI-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com