Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP09NZSI-1HT Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SL23EP09NZSI-1HT
Description  Low Jitter and Skew DC to 220 MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09NZSI-1HT Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL23EP09NZSI-1HT Datasheet HTML 2Page - Silicon Laboratories SL23EP09NZSI-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP09NZSI-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP09NZSI-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP09NZSI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP09NZSI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP09NZSI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP09NZSI-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP09NZSI-1HT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev 2.2, May 6, 2008
Page 6 of 11
SL23EP09NZ
Output Skew
SKW1
Measured at VDD/2 and
Outputs are equally loaded
80
160
ps
Part to Part Skew
SKW2
Measured at VDD/2 and
Outputs are equally loaded
110
220
ps
Propagation Delay Time
PDT
Measured at VDD/2 from CLKIN to
Output Clock rising edge and Outputs
are equally loaded
2.0
3.5
4.8
ns
Cycle-to-Cycle Jitter
CCJ1
CLKIN=66MHz and CL=0 (No Load)
40
80
ps
Cycle-to-Cycle Jitter
CCJ2
CLKIN=133MHz and CL=0 (No Load)
30
60
ps
Operating Conditions (C-Grade and I-Grade)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.25
2.5
2.75
V
Operating Temperature
TA1
Ambient Temperature
C-Grade
0
70
°C
TA2
Ambient Temperature
I-Grade
-40
85
°C
Input Capacitance
VINC
Pin 1
5
7
pF
Load Capacitance
CL1
All outputs
≤180MHz
15
pF
CL2
All outputs
≤100MHz
30
pF
Operating Frequency
CLKIN-1
Input Clock Range, CL=15pF
DC
180
MHz
Operating Frequency
CLKIN-2
Input Clock Range, CL=30pF
DC
80
MHz
DC Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
CLKIN
0.7
V
Input HIGH Voltage
VINH
CLKIN
1.7
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V
15
µA
Input HIGH Current
IINH
2.4V < VIN < VDD
25
µA
Output Low Voltage
VOL
IOL=8mA
0.4
V
Output High Voltage
VOH
IOH=-8mA
VDD-0.6
V
Power Supply Current
IDD1
CLKIN=33.3MHz, CL=0
9
14
mA
Power Supply Current
IDD2
CLKIN=66MHz, CL=0
11
17
mA
Power Supply Current
IDD3
CLKIN=166MHz, CL=0
15
21
mA


Similar Part No. - SL23EP09NZSI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
More results

Similar Description - SL23EP09NZSI-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com