Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2541SQE2060E Datasheet(PDF) 4 Page - Texas Instruments

Part # LMX2541SQE2060E
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2541SQE2060E Datasheet(HTML) 4 Page - Texas Instruments

  LMX2541SQE2060E Datasheet HTML 1Page - Texas Instruments LMX2541SQE2060E Datasheet HTML 2Page - Texas Instruments LMX2541SQE2060E Datasheet HTML 3Page - Texas Instruments LMX2541SQE2060E Datasheet HTML 4Page - Texas Instruments LMX2541SQE2060E Datasheet HTML 5Page - Texas Instruments LMX2541SQE2060E Datasheet HTML 6Page - Texas Instruments LMX2541SQE2060E Datasheet HTML 7Page - Texas Instruments LMX2541SQE2060E Datasheet HTML 8Page - Texas Instruments LMX2541SQE2060E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
GND
L2
0
GND
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
10
11
12
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
VregRFout
VccRFout
VregVCO
VrefVCO
OSCin
Ftest/LD
VccPLL2
OSCin*
VccOSCin
RFoutEN
VccFRAC
VregFRAC
GND
L1
Lmid
VccVCO
LMX2541
SNOSB31J – JULY 2009 – REVISED DECEMBER 2014
www.ti.com
6 Pin Configuration and Functions
NJK Package
36-Pin WQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Bypass
30
Bypass
Put a cap to the VccBias pin.
Chip Enable.
CE
11
CMOS
The device needs to be programmed for this pin to properly power down the device.
MICROWIRE clock input. High impedance CMOS input.
CLK
33
High-Z Input
This pin is used for the digital FSK modulation feature.
CPout
16
Output
Charge pump output.
DATA
32
High-Z Input
MICROWIRE serial data input. High impedance CMOS input.
Optional input for use with an external VCO.
ExtVCOin
12
RF Input
This pin should be AC coupled if used or left open if not used.
FLout
17
Output
Fastlock output.
Software controllable multiplexed CMOS output.
Ftest/LD
20
Output
Can be used to monitor PLL lock condition.
GND
0
GND
The DAP pad must be grounded.
GND
1
GND
GND
10
GND
GND
27
GND
L1
4
NC
Do not connect this pin.
L2
6
NC
Do not connect this pin.
LE
34
High-Z Input
MICROWIRE Latch Enable input. High impedance CMOS input.
Lmid
5
NC
Do not connect this pin.
NC
35
NC
No connect.
Oscillator input signal. If not being used with an external crystal, this input should be AC
OSCin
21
High-Z Input
coupled.
4
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LMX2541


Similar Part No. - LMX2541SQE2060E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2541SQE2060E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com