Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2541SQ2060E Datasheet(PDF) 9 Page - Texas Instruments

Part # LMX2541SQ2060E
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2541SQ2060E Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMX2541SQ2060E Datasheet HTML 5Page - Texas Instruments LMX2541SQ2060E Datasheet HTML 6Page - Texas Instruments LMX2541SQ2060E Datasheet HTML 7Page - Texas Instruments LMX2541SQ2060E Datasheet HTML 8Page - Texas Instruments LMX2541SQ2060E Datasheet HTML 9Page - Texas Instruments LMX2541SQ2060E Datasheet HTML 10Page - Texas Instruments LMX2541SQ2060E Datasheet HTML 11Page - Texas Instruments LMX2541SQ2060E Datasheet HTML 12Page - Texas Instruments LMX2541SQ2060E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
LMX2541
www.ti.com
SNOSB31J – JULY 2009 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
(3.15 V
≤ VCC ≤ 3.45 V, -40°C ≤ TA ≤ 85 °C; except as specified. Typical values are at Vcc = 3.3 V, 25 C.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2060E
1.6
Integration Bandwidth
2380E
1.8
= 100 Hz to 20 MHz
Middle VCO Frequency
2690E
2.1
σΦ
RMS Phase Error
100 MHz Wenzel Crystal
mRad
3030E
2.1
Reference
Integer Mode
3320E
2.3
Optimized Loop Bandwidth
3740E
2.6
VCO PHASE NOISE(6)
10-kHz Offset
–89.7
100-kHz Offset
–113.7
fRFout =
Min VCO
1-MHz Offset
–134.9
Frequency
10-MHz Offset
–155.4
20-MHz Offset
–160.3
Phase Noise
L(f)Fout
dBc/Hz
2060E
10-kHz Offset
–86.5
100-kHz Offset
–111.4
fRFout =
Max VCO
1-MHz Offset
–132.8
Frequency
10-MHz Offset
–153.4
20-MHz Offset
–158.5
10-kHz Offset
–87.9
100-kHz Offset
–112.7
fRFout =
Min VCO
1-MHz Offset
–133.8
Frequency
10-MHz Offset
–154.2
20-MHz Offset
–159.5
Phase Noise
L(f)Fout
dBc/Hz
2380E
10-kHz Offset
–83.4
100-kHz Offset
–109.1
fRFout =
Max VCO
1-MHz Offset
–130.8
Frequency
10-MHz Offset
–151.8
20-MHz Offset
–157.5
10-kHz Offset
–86.9
100-kHz Offset
–111.8
fRFout =
Min VCO
1-MHz Offset
–133.3
Frequency
10-MHz Offset
–154.2
20-MHz Offset
–159.4
Phase Noise
L(f)Fout
dBc/Hz
2690E
10-kHz Offset
–82.3
100-kHz Offset
–108.4
fRFout =
Max VCO
1-MHz Offset
–130.3
Frequency
10-MHz Offset
–151.1
20-MHz Offset
–156.7
(6)
The VCO phase noise is measured assuming that the loop bandwidth is sufficiently narrow that the VCO noise dominates. The phase
noise is measured with AC_TEMP_COMP = 5 and the device is reloaded at each test frequency. The typical performance
characteristics section shows how the VCO phase noise varies over temperature and frequency.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMX2541


Similar Part No. - LMX2541SQ2060E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541SQ2060E NSC-LMX2541SQ2060E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E TI1-LMX2541SQ2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2060E TI-LMX2541SQ2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2541SQ2060E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com