Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2492RTWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2492RTWR
Description  Low Noise Fractional N PLL
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2492RTWR Datasheet(HTML) 5 Page - Texas Instruments

  LMX2492RTWR Datasheet HTML 1Page - Texas Instruments LMX2492RTWR Datasheet HTML 2Page - Texas Instruments LMX2492RTWR Datasheet HTML 3Page - Texas Instruments LMX2492RTWR Datasheet HTML 4Page - Texas Instruments LMX2492RTWR Datasheet HTML 5Page - Texas Instruments LMX2492RTWR Datasheet HTML 6Page - Texas Instruments LMX2492RTWR Datasheet HTML 7Page - Texas Instruments LMX2492RTWR Datasheet HTML 8Page - Texas Instruments LMX2492RTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LMX2492, LMX2492-Q1
www.ti.com
SNAS624B – MARCH 2014 – REVISED MAY 2015
7.6 Electrical Characteristics
(3.15 V
≤ Vcc ≤ 3.45 V. Vcc ≤Vcp ≤5.25 V. Typical values are at Vcc = Vcp = 3.3 V, 25 °C.
-40°C
≤ TA ≤ 85 °C for the LMX2492 and -40°C ≤ TA ≤ 125 °C for the LMX2492-Q1 ; except as specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Fpd = 10 MHz
45
All Vcc Pins
Fpd = 100 MHz
50
Fpd = 200 MHz
55
Icc
Current Consumption
Kpd = 0.1 mA
2
mA
Vcp Pin
Kpd = 1.6 mA
10
Kpd = 3.1 mA
19
IccPD
Current
POWERDOWN
3
OSC_DIFFR=0, Doubler Disabled
10
600
OSC_DIFFR=0, Doubler Enabled
10
300
Frequency for OSCin
fOSCin
MHz
terminal
OSC_DIFFR=1, Doubler Disabled
10
1200
OSC_DIFFR=1, Doubler Enabled
10
600
LMX2492-Q1 Version Only
Single Ended XO
0.24
Vcc-0.5
vOSCin
Voltage for OSCin Pin(1)
Vpp
30 MHz
≤ fOSCin ≤ 100 MHz
All Other Cases
0.5
Vcc-0.5
fFin
Frequency for FinPin(2)
500
14000
MHz
pFin
Power for Fin Pin
Single-Ended Operation
-5
5
dBm
fPD
Phase Detector Frequency
200
MHz
PN1Hz
PLL Figure of Merit(3)
-227
dBc/Hz
Normalized PLL 1/f
Normalized to 10 kHz offset for a 1 GHz
PN10kHz
-120
dBc/Hz
Noise(3)
carrier.
Charge Pump Leakage Tri-
ICPoutTRI
10
nA
state Leakage
ICPoutMM
Charge Pump Mismatch(4)
VCPout = Vcp / 2
5 %
CPG=1X
0.1
ICPout
Charge Pump Current
VCPout = Vcp / 2 …
mA
CPG=31X
3.1
(1)
For optimal phase noise performance, a slew rate of at least 3 V/ns is recommended
(2)
Tested to 13.5 GHz, Guaranteed to 14 GHz by characterization
(3)
PLL Noise Metrics are measured with a clean OSCin signal with a high slew rate using a wide loop bandwidth. The noise metrics model
the PLL noise for an infinite loop bandwidth as:
PLL_Total = 10×log( 10PLL_Flat/10 + 10PLL_Flicker(Offset)/10)
PLL_Flat = PN1Hz + 20×log(N) + 10×log(Fpd/1Hz)
PLL_Flicker = PN10kHz - 10×log(Offset/10kHz) + 20×log(Fvco/1GHz)
(4)
Charge pump mismatch varies as a function of charge pump voltage. Consult typical performance characteristics to see this variation.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMX2492 LMX2492-Q1


Similar Part No. - LMX2492RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2492RTW TI-LMX2492RTW Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
More results

Similar Description - LMX2492RTWR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC769LP6CE HITTITE-HMC769LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749 Datasheet
600Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_09 Datasheet
606Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Analog Devices
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com