Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2492QRTWTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2492QRTWTQ1
Description  Low Noise Fractional N PLL
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2492QRTWTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LMX2492QRTWTQ1 Datasheet HTML 1Page - Texas Instruments LMX2492QRTWTQ1 Datasheet HTML 2Page - Texas Instruments LMX2492QRTWTQ1 Datasheet HTML 3Page - Texas Instruments LMX2492QRTWTQ1 Datasheet HTML 4Page - Texas Instruments LMX2492QRTWTQ1 Datasheet HTML 5Page - Texas Instruments LMX2492QRTWTQ1 Datasheet HTML 6Page - Texas Instruments LMX2492QRTWTQ1 Datasheet HTML 7Page - Texas Instruments LMX2492QRTWTQ1 Datasheet HTML 8Page - Texas Instruments LMX2492QRTWTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LMX2492, LMX2492-Q1
SNAS624B – MARCH 2014 – REVISED MAY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Vcp
Supply voltage for charge pump
Vcc
5.5
V
CPout
Charge pump output pin
-0.3
Vcp
V
Vcc
All Vcc pins
-0.3
3.6
V
Others
All other I/O pins
-0.3
Vcc + 0.3
V
TSolder
Lead temperature (solder 4 seconds)
260
°C
TJunction
Junction temperature
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Storage Conditions
applicable before the DMD is installed in the final product
MIN
MAX
UNIT
Tstg
DMD storage temperature
-65
150
°C
MSL
Moisture sensitivity level
3
n/a
7.3 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DEVICE
MIN
NOM
MAX
UNIT
Vcc
PLL supply voltage
3.15
3.3
3.45
V
Vcp
Charge pump supply voltage
Vcc
5.25
V
LMX2492
-40
85
TA
Ambient temperature
°C
LMX2492-Q1
-40
125
LMX2492
-40
125
TJ
Junction temperature
°C
LMX2492-Q1
-40
135
7.5 Thermal Information
LMX2492 RTW
THERMAL METRIC(1)
(WQFN )
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
39.4
RθJC
Junction-to-case thermal resistance
7.1
°C/W
ψJB
Junction-to-board characterization parameter
20
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LMX2492 LMX2492-Q1


Similar Part No. - LMX2492QRTWTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2492 TI1-LMX2492 Datasheet
1Mb / 41P
[Old version datasheet]   -227 dBc/Hz Normalized PLL Noise
LMX2492-Q1RTW TI-LMX2492-Q1RTW Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
LMX2492-Q1 TI-LMX2492-Q1_15 Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
LMX2492RTW TI-LMX2492RTW Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
More results

Similar Description - LMX2492QRTWTQ1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC769LP6CE HITTITE-HMC769LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749 Datasheet
600Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_09 Datasheet
606Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Analog Devices
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com