Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK03806 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMK03806
Description  Ultra Low Jitter Clock Generator With 14 Programmable Outputs
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03806 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK03806_15 Datasheet HTML 7Page - Texas Instruments LMK03806_15 Datasheet HTML 8Page - Texas Instruments LMK03806_15 Datasheet HTML 9Page - Texas Instruments LMK03806_15 Datasheet HTML 10Page - Texas Instruments LMK03806_15 Datasheet HTML 11Page - Texas Instruments LMK03806_15 Datasheet HTML 12Page - Texas Instruments LMK03806_15 Datasheet HTML 13Page - Texas Instruments LMK03806_15 Datasheet HTML 14Page - Texas Instruments LMK03806_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
LMK03806
www.ti.com
SNAS522I – SEPTEMBER 2011 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
3.15 V
≤ VCC ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Junction Temperature TJ ≤ 125 °C.
Typical values represent most likely parametric norms at VCC = 3.3 V, TA = 25 °C, at Recommended Operating Conditions at
the time of product characterization and are not ensured.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLL PHASE DETECTOR AND CHARGE PUMP SPECIFICATIONS
fPD
Phase detector frequency
155
MHz
VCPout=VCC/2, PLL_CP_GAIN = 0
100
µA
VCPout=VCC/2, PLL_CP_GAIN = 1
400
µA
ICPoutSOURCE
PLL charge pump source current
VCPout=VCC/2, PLL_CP_GAIN = 2
1600
µA
VCPout=VCC/2, PLL_CP_GAIN = 3
3200
µA
VCPout=VCC/2, PLL_CP_GAIN = 0
–100
µA
VCPout=VCC/2, PLL_CP_GAIN = 1
–400
µA
ICPoutSINK
PLL charge pump sink current
VCPout=VCC/2, PLL_CP_GAIN = 2
–1600
µA
VCPout=VCC/2, PLL_CP_GAIN = 3
–3200
µA
ICPout%MIS
Charge pump sink/source mismatch
VCPout=VCC/2, TA = 25 °C
3%
10%
Magnitude of charge pump current vs.
0.5 V < VCPout < VCC – 0.5 V
ICPoutVTUNE
4%
charge pump voltage variation
TA = 25 °C
Charge pump current vs. temperature
ICPout%TEMP
4%
variation
ICPoutTRI
Charge pump leakage
0.5 V < VCPout < VCC – 0.5 V
10
nA
PLL 1/f noise at 10 kHz offset(12).
PLL_CP_GAIN = 400 µA
–118
dBc/Hz
PN10kHz
Normalized to
PLL_CP_GAIN = 3200 µA
–121
dBc/Hz
1-GHz output frequency
PLL_CP_GAIN = 400 µA
–222.5
dBc/Hz
PN1Hz
Normalized phase noise contribution(13)
PLL_CP_GAIN = 3200 µA
–227
dBc/Hz
1-kHz Offset
–93
dBc/Hz
PLL phase noise
(Assumes a very wide bandwidth,
10 kHz
–103
dBc/Hz
L(f)
noiseless crystal, 2500-MHz output
100-kHz Offset
–116
dBc/Hz
frequency, and 25-MHz phase detector
frequency)
1-MHz Offset
–116
dBc/Hz
INTERNAL VCO SPECIFICATIONS
fVCO
VCO tuning range
2370
2600
MHz
Fine tuning sensitivity
fVCO at low end
16
(The range displayed in the typical
column indicates the lower sensitivity is
KVCO
MHz/V
typical at the lower end of the tuning
fVCO at high end
21
range, and the higher tuning sensitivity
is typical at the higher end of the tuning
range).
(12) A specification in modeling PLL in-band phase noise is the 1/f flicker noise, LPLL_flicker(f), which is dominant close to the carrier. Flicker
noise has a 10 dB/decade slope. PN10kHz is normalized to a 10 kHz offset and a 1 GHz carrier frequency. PN10kHz = LPLL_flicker(10
kHz) - 20log(Fout / 1 GHz), where LPLL_flicker(f) is the single side band phase noise of only the flicker noise's contribution to total noise,
L(f). To measure LPLL_flicker(f) it is important to be on the 10 dB/decade slope close to the carrier. A high compare frequency and a clean
crystal are important to isolating this noise source from the total phase noise, L(f). LPLL_flicker(f) can be masked by the reference
oscillator performance if a low power or noisy source is used. The total PLL in-band phase noise performance is the sum of LPLL_flicker(f)
and LPLL_flat(f).
(13) A specification modeling PLL in-band phase noise. The normalized phase noise contribution of the PLL, LPLL_flat(f), is defined as:
PN1HZ=LPLL_flat(f) - 20log(N) - 10log(fPD). LPLL_flat(f) is the single side band phase noise measured at an offset frequency, f, in a 1 Hz
bandwidth and fPD is the phase detector frequency of the synthesizer. LPLL_flat(f) contributes to the total noise, L(f).
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMK03806


Similar Part No. - LMK03806_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03806 TI1-LMK03806_12 Datasheet
465Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
More results

Similar Description - LMK03806_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03806 TI1-LMK03806_12 Datasheet
465Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
LMK03806 TI-LMK03806 Datasheet
489Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com