Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61A2-156M25SIAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61A2-156M25SIAT
Description  High-Performance Ultra-Low Jitter Oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61A2-156M25SIAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK61A2-156M25SIAT Datasheet HTML 3Page - Texas Instruments LMK61A2-156M25SIAT Datasheet HTML 4Page - Texas Instruments LMK61A2-156M25SIAT Datasheet HTML 5Page - Texas Instruments LMK61A2-156M25SIAT Datasheet HTML 6Page - Texas Instruments LMK61A2-156M25SIAT Datasheet HTML 7Page - Texas Instruments LMK61A2-156M25SIAT Datasheet HTML 8Page - Texas Instruments LMK61A2-156M25SIAT Datasheet HTML 9Page - Texas Instruments LMK61A2-156M25SIAT Datasheet HTML 10Page - Texas Instruments LMK61A2-156M25SIAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
www.ti.com
SNAS676A – OCTOBER 2015 – REVISED NOVEMBER 2015
Typical 156.25 MHz Output Phase Noise Characteristics
(1)(2) (continued)
VDD = 3.3 V, TA = 25°C, Output Type = LVPECL/LVDS/HCSL
SYMBOL
PARAMETER
OUTPUT TYPE
UNITS
LVPECL
LVDS
HCSL
phn1M
Phase noise at 1 MHz offset
-150
-150
-150
dBc/Hz
phn2M
Phase noise at 2 MHz offset
-154
-154
-154
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-165
-162
-164
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-165
-162
-164
dBc/Hz
6.15 Additional Reliability and Qualification
PARAMETER
CONDITION / TEST METHOD
Mechanical Shock
MIL-STD-202, Method 213
Mechanical Vibration
MIL-STD-202, Method 204
Moisture Sensitivity Level
J-STD-020, MSL3
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-100M LMK61A2-
125M LMK61A2-156M LMK61A2-312M LMK61I2-100M


Similar Part No. - LMK61A2-156M25SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61A2-156M25SIAT TI1-LMK61A2-156M25SIAT Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-156M25SIAT TI1-LMK61A2-156M25SIAT Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61A2-156M25SIAT TI1-LMK61A2-156M25SIAT Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61A2-156M25SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com