Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61PD0A2-SIAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61PD0A2-SIAT
Description  Ultra-Low Jitter Pin Selectable Oscillator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61PD0A2-SIAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK61PD0A2-SIAT Datasheet HTML 3Page - Texas Instruments LMK61PD0A2-SIAT Datasheet HTML 4Page - Texas Instruments LMK61PD0A2-SIAT Datasheet HTML 5Page - Texas Instruments LMK61PD0A2-SIAT Datasheet HTML 6Page - Texas Instruments LMK61PD0A2-SIAT Datasheet HTML 7Page - Texas Instruments LMK61PD0A2-SIAT Datasheet HTML 8Page - Texas Instruments LMK61PD0A2-SIAT Datasheet HTML 9Page - Texas Instruments LMK61PD0A2-SIAT Datasheet HTML 10Page - Texas Instruments LMK61PD0A2-SIAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LMK61PD0A2
www.ti.com
SNAS675A – OCTOBER 2015 – REVISED NOVEMBER 2015
7.8 HCSL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency
62.5
312.5
MHz
VOH
Output High Voltage
600
850
mV
VOL
Output Low Voltage
-100
100
mV
VCROSS
Absolute Crossing
250
475
mV
Voltage(2)(3)
VCROSS-DELTA Variation of VCROSS
(2) (3)
0
140
mV
dV/dt
Slew Rate(4)
0.8
2
V/ns
PN-Floor
Output Phase Noise Floor
100 MHz
-164
dBc/Hz
(fOFFSET > 10 MHz)
ODC
Output Duty Cycle(4)
45%
55%
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured from -150 mV to +150 mV on the differential waveform with the 300 mVpp measurement window centered on the differential
zero crossing.
(3)
Ensured by design.
(4)
Ensured by characterization.
7.9 OE Input Characteristics
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.6
V
IIH
Input High Current
VIH = VDD
-40
40
uA
IIL
Input Low Current
VIL = GND
-40
40
uA
CIN
Input Capacitance
2
pF
7.10 OS, FS[1:0] Input Characteristics
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.4
V
IIH
Input High Current
VIH = VDD
-40
40
uA
IIL
Input Low Current
VIL = GND
-40
40
uA
CIN
Input Capacitance
2
pF
7.11 Frequency Tolerance Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fT
Total Frequency Tolerance
All output formats, frequency bands and
-50
50
ppm
device junction temperature up to 125°C;
includes initial freq tolerance, temperature &
supply voltage variation, solder reflow and
aging (10 years)
(1)
Ensured by characterization.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMK61PD0A2


Similar Part No. - LMK61PD0A2-SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61A2-100M TI1-LMK61A2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-100M TI1-LMK61A2-100M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-100M00 TI1-LMK61A2-100M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-100M00 TI1-LMK61A2-100M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-100M00SIAR TI1-LMK61A2-100M00SIAR Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61PD0A2-SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
MTRONPTI
M9200 MTRONPTI-M9200 Datasheet
179Kb / 4P
   Ultra Low Jitter Quad Frequency Oscillator
logo
Fox Electronics
O5PU FOX-O5PU Datasheet
245Kb / 3P
   Ultra-Low Jitter 5x3.2mm SMD Oscillator
O7PU FOX-O7PU Datasheet
217Kb / 3P
   Ultra-Low Jitter 7x5mm SMD Oscillator
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com