Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61PD0A2-SIAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61PD0A2-SIAR
Description  Ultra-Low Jitter Pin Selectable Oscillator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61PD0A2-SIAR Datasheet(HTML) 1 Page - Texas Instruments

  LMK61PD0A2-SIAR Datasheet HTML 1Page - Texas Instruments LMK61PD0A2-SIAR Datasheet HTML 2Page - Texas Instruments LMK61PD0A2-SIAR Datasheet HTML 3Page - Texas Instruments LMK61PD0A2-SIAR Datasheet HTML 4Page - Texas Instruments LMK61PD0A2-SIAR Datasheet HTML 5Page - Texas Instruments LMK61PD0A2-SIAR Datasheet HTML 6Page - Texas Instruments LMK61PD0A2-SIAR Datasheet HTML 7Page - Texas Instruments LMK61PD0A2-SIAR Datasheet HTML 8Page - Texas Instruments LMK61PD0A2-SIAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
OS
OUTN
VDD
OE
GND
OUTP
FS0
FS1
1
6
2
5
4
3
7
8
LMK61PD0A2
Ultra-high performance oscillator
PLL
Output
Divider
Output
Buffer
Power Conditioning
Interface
ROM (Pin Control)
Integrated
Oscillator
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMK61PD0A2
SNAS675A – OCTOBER 2015 – REVISED NOVEMBER 2015
LMK61PD0A2 Ultra-Low Jitter Pin Selectable Oscillator
1 Features
3 Description
The LMK61PD0A2 is an ultra-low jitter PLLatinumTM
1
Ultra-low Noise, High Performance
pin selectable oscillator that generates commonly
Jitter: 90 fs RMS typical fOUT > 100 MHz
used
reference
clocks.
The
device
is
pre-
PSRR: -70 dBc, robust supply noise immunity
programmed in factory to support seven unique
reference clock frequencies that can be selected by
Flexible Output Frequency and Format; User
pin-strapping each of FS[1:0] to VDD, GND or NC (no
Selectable
connect).
Output
format
is
selected
between
Frequencies: 62.5 MHz, 100 MHz, 106.25
LVPECL, LVDS, or HCSL by pin-strapping OS to
MHz, 125 MHz, 156.25 MHz, 212.5 MHz,
VDD, GND or NC. Internal power conditioning provide
312.5 MHz
excellent power supply ripple rejection (PSRR),
reducing the cost and complexity of the power
Formats: LVPECL, LVDS or HCSL
delivery network. The device operates from a single
Total frequency tolerance of ± 50 ppm
3.3 V ± 5% supply.
Internal memory stores multiple start-up
configurations, selectable through pin control
Device Information(1)
3.3V operating voltage
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Industrial temperature range (-40ºC to +85ºC)
LMK61PD0A2
8-pin QFM (SIA)
7.0 mm x 5.0 mm
7 mm x 5 mm 8-pin package
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
High-performance replacement for crystal-, SAW-,
or silicon-based Oscillators
Switches, Routers, Network Line Cards, Base
Band Units (BBU), Servers, Storage/SAN
Test and Measurement
Medical Imaging
FPGA, Processor Attach
Pinout and Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMK61PD0A2-SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61A2-100M TI1-LMK61A2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-100M TI1-LMK61A2-100M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-100M00 TI1-LMK61A2-100M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-100M00 TI1-LMK61A2-100M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-100M00SIAR TI1-LMK61A2-100M00SIAR Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61PD0A2-SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
MTRONPTI
M9200 MTRONPTI-M9200 Datasheet
179Kb / 4P
   Ultra Low Jitter Quad Frequency Oscillator
logo
Fox Electronics
O5PU FOX-O5PU Datasheet
245Kb / 3P
   Ultra-Low Jitter 5x3.2mm SMD Oscillator
O7PU FOX-O7PU Datasheet
217Kb / 3P
   Ultra-Low Jitter 7x5mm SMD Oscillator
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com