Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si82396CD-IS Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si82396CD-IS
Description  4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82396CD-IS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si82396CD-IS Datasheet HTML 7Page - Silicon Laboratories Si82396CD-IS Datasheet HTML 8Page - Silicon Laboratories Si82396CD-IS Datasheet HTML 9Page - Silicon Laboratories Si82396CD-IS Datasheet HTML 10Page - Silicon Laboratories Si82396CD-IS Datasheet HTML 11Page - Silicon Laboratories Si82396CD-IS Datasheet HTML 12Page - Silicon Laboratories Si82396CD-IS Datasheet HTML 13Page - Silicon Laboratories Si82396CD-IS Datasheet HTML 14Page - Silicon Laboratories Si82396CD-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
2.6.2 Undervoltage Lockout
Undervoltage Lockout (UVLO) is provided to prevent erroneous operation during device startup and shutdown or when VDD is below its
specified operating circuits range. The input (control) side, Driver A and Driver B, each have their own undervoltage lockout monitors.
The Si8239x input side enters UVLO when VDDI < VDDIUV–, and exits UVLO when VDDI > VDDIUV+. The driver outputs, VOA and
VOB, remain low when the input side of the Si8239x is in UVLO and their respective VDD supply (VDDA, VDDB) is within tolerance.
Each driver output can enter or exit UVLO independently for the Si82394/5/6/7/8 products. For example, VOA unconditionally enters
UVLO when VDDA falls below VDDAUV– and exits UVLO when VDDA rises above VDDAUV+. For the Si82390/1 products, when ei-
ther VDDA or VDDB falls under VDDxUV–, this information is fed back through the isolation barrier to the input side logic which forces
VOB or VOA to be driven low respectively under these conditions. If the application is driving a transformer for an isolated power con-
verter, for example, this behavior is useful to prevent flux imbalances in the transformer. Please note that this feature implies that it can
only be implemented when the VDDA and VDDB power supplies are independent from each other. If a bootstrap circuit is used for
Si82390/1, it will prevent the IC from powering up. Please do not use the Si82390/1 in conjunction with a bootstrap circuit for driver
power.
Figure 2.16. Si82391/6/8 Device Behavior during Normal Operation and Shutdown
Si8239x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.9 | 10


Similar Part No. - Si82396CD-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si82396CD-IS SILABS-Si82396CD-IS Datasheet
1Mb / 38P
   Enhanced output UVLO safety
logo
Skyworks Solutions Inc.
SI82396CD-IS SKYWORKS-SI82396CD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82396CD-IS3 SKYWORKS-SI82396CD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

Similar Description - Si82396CD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8285 SKYWORKS-SI8285 Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8252X SKYWORKS-SI8252X Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI823HX SKYWORKS-SI823HX Datasheet
1Mb / 50P
   4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
Revision 0.33
logo
Silicon Laboratories
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com