Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG135A Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFG135A
Description  NPN Silicon RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFG135A Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFG135A Datasheet HTML 1Page - Infineon Technologies AG BFG135A Datasheet HTML 2Page - Infineon Technologies AG BFG135A Datasheet HTML 3Page - Infineon Technologies AG BFG135A Datasheet HTML 4Page - Infineon Technologies AG BFG135A Datasheet HTML 5Page - Infineon Technologies AG BFG135A Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BFG 135A
Oct-26-1999
5
Collector-base capacitance Ccb = f (VCB)
f = 1MHz
0
4
8
12
16
V
22
VCB
0.0
0.5
1.0
1.5
2.0
2.5
3.0
pF
4.0
Transition frequency fT = f (IC)
VCE = Parameter
0
20
40
60
80
100 120 140 mA 170
IC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
GHz
7.0
10V
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
20
40
60
80
100 120 140 mA 170
IC
0
2
4
6
8
10
12
dB
16
10V
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
20
40
60
80
100 120 140 mA 170
IC
0
1
2
3
4
5
6
7
8
9
dB
11
10V
5V
3V
2V
1V
0.7V


Similar Part No. - BFG135A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG135A SIEMENS-BFG135A Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
More results

Similar Description - BFG135A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com