Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61E2-SIAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E2-SIAR
Description  Ultra-Low Jitter Programmable Oscillator
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2-SIAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK61E2-SIAR Datasheet HTML 4Page - Texas Instruments LMK61E2-SIAR Datasheet HTML 5Page - Texas Instruments LMK61E2-SIAR Datasheet HTML 6Page - Texas Instruments LMK61E2-SIAR Datasheet HTML 7Page - Texas Instruments LMK61E2-SIAR Datasheet HTML 8Page - Texas Instruments LMK61E2-SIAR Datasheet HTML 9Page - Texas Instruments LMK61E2-SIAR Datasheet HTML 10Page - Texas Instruments LMK61E2-SIAR Datasheet HTML 11Page - Texas Instruments LMK61E2-SIAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
LMK61E2
SNAS674 – SEPTEMBER 2015
www.ti.com
Typical 156.25 MHz Output Phase Noise Characteristics
(1)(2) (continued)
VDD = 3.3 V, TA = 25°C, PLL bandwidth = 400 kHz, VCO Frequency = 5 GHz, Integer-N PLL, Output Divider = 32, Output
Type = LVPECL/LVDS/HCSL
SYMBOL
PARAMETER
OUTPUT TYPE
UNITS
LVPECL
LVDS
HCSL
phn1M
Phase noise at 1 MHz offset
-150
-150
-150
dBc/Hz
phn2M
Phase noise at 2 MHz offset
-154
-154
-154
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-165
-162
-164
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-165
-162
-164
dBc/Hz
6.18 Typical 161.1328125 MHz Output Phase Noise Characteristics
(1) (2)
VDD = 3.3 V, TA = 25°C, PLL bandwidth = 400 kHz, VCO Frequency = 5.15625 GHz, Fractional-N PLL, Output Divider = 32,
Output Type = LVPECL/LVDS/HCSL
SYMBOL
PARAMETER
OUTPUT TYPE
UNITS
LVPECL
LVDS
HCSL
phn10k
Phase noise at 10 kHz offset
-136
-136
-136
dBc/Hz
phn20k
Phase noise at 20 kHz offset
-136
-136
-136
dBc/Hz
phn100k
Phase noise at 100 kHz offset
-140
-140
-140
dBc/Hz
phn200k
Phase noise at 200 kHz offset
-141
-141
-141
dBc/Hz
phn1M
Phase noise at 1 MHz offset
-148
-148
-148
dBc/Hz
phn2M
Phase noise at 2 MHz offset
-156
-156
-156
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-161
-159
-160
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-162
-160
-161
dBc/Hz
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Phase jitter measured with Agilent E5052 signal source analyzer using a differential-to-single ended converter (balun or buffer).
6.19 Additional Reliability and Qualification
PARAMETER
CONDITION / TEST METHOD
Mechanical Shock
MIL-STD-202, Method 213
Mechanical Vibration
MIL-STD-202, Method 204
Moisture Sensitivity Level
J-STD-020, MSL3
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK61E2


Similar Part No. - LMK61E2-SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-SIAR TI1-LMK61E2-SIAR Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
More results

Similar Description - LMK61E2-SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E08 TI-LMK61E08 Datasheet
1Mb / 54P
[Old version datasheet]   LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
DSC8004 MICREL-DSC8004 Datasheet
687Kb / 6P
   Programmable Low-Jitter Precision HCSL Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
   Low-Jitter I2C/SPI Programmable HCSL Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com